Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAM2N650B Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # DAM2N650B
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM2N650B Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM2N650B Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM2N650B Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM2N650B Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM2N650B Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N-Channel Enhancement Mode MOSFET
Features
VDSS = 650V
RDS(ON)
Typ.7.5Ω @ VGS = 10V
Fully Avalanche Rated
Pb Free & RoHS Compliant
Applications
Backlighting
Synchronous Rectifiers
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Drain Source Voltage
VDS
650
V
Gate Source Voltage
VGS
±30
V
Drain Current Continuous
@ Tc = 25°C
ID
2
A
@ Tc = 100°C
1.3
Drain Current Pulsed@ TC = 25°C
IDM
8
A
Single Pulse Avalanche Energy
EAS
9
mJ
Single Pulse Avalanche Current
IAS
2.5
A
Maximum Power Dissipation
PD
32
W
Storage Temperature Range
TSTG
-55 to +150
°C
Operating Junction Temperature Range
TJ
-55 to +150
°C
Thermal Resistance Junction to Case
R
θJc
3.9
°C/W
Aug.2017
DAM2N650B
Note3


Similar Part No. - DAM2N650B

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAM2N650C DACO-DAM2N650C Datasheet
521Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM2N650D DACO-DAM2N650D Datasheet
246Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM2N650F DACO-DAM2N650F Datasheet
264Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - DAM2N650B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com