Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAM3N100L Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # DAM3N100L
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM3N100L Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM3N100L Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM3N100L Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM3N100L Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM3N100L Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
N-Channel Enhancement Mode MOSFET
Features
VDSS = 100V
RDS(ON) Typ.160mΩ @ VGS = 10V
Fully Avalanche Rated
Pb Free & RoHS Compliant
Applications
High efficient switched mode power supplies
Networking
Networking
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Drain Source Voltage
VDS
100
V
Gate Source Voltage
VGS
±20
V
Drain Current Continuous
@ Tc = 25°C
ID
3
A
@ Tc = 100°C
1.8
Drain Current Pulsed@ TC = 25°C
IDM
12
A
Maximum Power Dissipation
PD
1.78
W
Storage Temperature Range
TSTG
-50 to +150
°C
Operating Junction Temperature Range
TJ
-50 to +150
°C
Thermal Resistance Junction to Case
RθJc
30
°C/W
Thermal Resistance Junction to ambient
RθJA
70
°C/W
Jun.2018
DAM3N100L


Similar Part No. - DAM3N100L

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAM3N200D DACO-DAM3N200D Datasheet
241Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM3N200L DACO-DAM3N200L Datasheet
255Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM3N500B DACO-DAM3N500B Datasheet
232Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM3N500D DACO-DAM3N500D Datasheet
244Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM3N600B DACO-DAM3N600B Datasheet
233Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - DAM3N100L

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com