Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WD3170 Datasheet(PDF) 5 Page - Will Semiconductor Ltd.

Part # WD3170
Description  38V Step-Up Backlight White LED Driver with Flash Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3170 Datasheet(HTML) 5 Page - Will Semiconductor Ltd.

  WD3170 Datasheet HTML 1Page - Will Semiconductor Ltd. WD3170 Datasheet HTML 2Page - Will Semiconductor Ltd. WD3170 Datasheet HTML 3Page - Will Semiconductor Ltd. WD3170 Datasheet HTML 4Page - Will Semiconductor Ltd. WD3170 Datasheet HTML 5Page - Will Semiconductor Ltd. WD3170 Datasheet HTML 6Page - Will Semiconductor Ltd. WD3170 Datasheet HTML 7Page - Will Semiconductor Ltd. WD3170 Datasheet HTML 8Page - Will Semiconductor Ltd. WD3170 Datasheet HTML 9Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
WD3170
Will Semiconductor Ltd.
5
2018/05 - Rev. 1.1
Typical Characteristics
(Ta=25oC, VIN=3.6V, VEN=VIN, CIN=COUT=1
μF, L=10μH, 10 LEDs, unless otherwise noted)
Efficiency vs. LED Current
Efficiency vs. LED Current
Efficiency vs. LED Current
LED Current vs. Duty Cycle
LED Current vs. Duty Cycle
LED Current vs. Duty Cycle
0
4
8
12
16
20
50
60
70
80
90
100
LED Current (mA)
10 LEDs
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
0
20
40
60
80
100
0
5
10
15
20
Duty (%)
f=25KHz,10s LEDs
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
0
20
40
60
80
100
0
10
20
30
40
Duty (%)
f=25KHz, 6s2p LEDs
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
Duty (%)
f=25kHz,10s LEDs
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
0
10
20
30
40
50
60
70
80
90
100
LED Current (mA)
V
IN
=3.6V
2p6s LEDs
2p5s LEDs
10LEDs
0
10
20
30
40
50
60
70
80
90
100
LED Current (mA)
6s2p LEDs
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
V
IN
=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com