Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WD3171 Datasheet(PDF) 6 Page - Will Semiconductor Ltd.

Part # WD3171
Description  38V Step-Up Backlight White LED Driver with Flash Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLSEMI [Will Semiconductor Ltd.]
Direct Link  http://www.willsemi.com/index.php?siteid=2
Logo WILLSEMI - Will Semiconductor Ltd.

WD3171 Datasheet(HTML) 6 Page - Will Semiconductor Ltd.

Back Button WD3171 Datasheet HTML 2Page - Will Semiconductor Ltd. WD3171 Datasheet HTML 3Page - Will Semiconductor Ltd. WD3171 Datasheet HTML 4Page - Will Semiconductor Ltd. WD3171 Datasheet HTML 5Page - Will Semiconductor Ltd. WD3171 Datasheet HTML 6Page - Will Semiconductor Ltd. WD3171 Datasheet HTML 7Page - Will Semiconductor Ltd. WD3171 Datasheet HTML 8Page - Will Semiconductor Ltd. WD3171 Datasheet HTML 9Page - Will Semiconductor Ltd. WD3171 Datasheet HTML 10Page - Will Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
WD3171
Will Semiconductor Ltd.
6
2018/06 - Rev. 1.1
LED Current vs. Duty Cycle
LED Current vs. Duty Cycle
LED Current vs. Input Voltage
LED Current vs. Temperature
LED Current vs. Input Voltage
LED Current vs. Temperature
2.5
3.0
3.5
4.0
4.5
5.0
19.0
19.5
20.0
20.5
21.0
Input Voltage (V)
ENF=0, EN=1, 10s LEDs
-50
-25
0
25
50
75
100
19.0
19.5
20.0
20.5
21.0
Temperature (
oC)
ENF=0,EN=1,10s LEDs
V
IN
=3.0V
V
IN
=3.6V
V
IN
=4.2V
3.0
3.5
4.0
4.5
5.0
57
58
59
60
61
62
63
Input Voltage (V)
ENF=1, EN=0, 10s LEDs
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
10 Samples
Duty (%)
10s LEDs 25KHz
V
IN
=3.6V
-50
-25
0
25
50
75
100
57
58
59
60
61
62
63
Temperature (
oC)
ENF=1,EN=0,10s LEDs
V
IN
=3.6V
V
IN
=4.2V
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
10 Samples
Duty (%)
10s LEDs 25KHz
V
IN
=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com