Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM82C54-2JS Datasheet(PDF) 17 Page - OKI electronic componets

Part # MSM82C54-2JS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C54-2JS Datasheet(HTML) 17 Page - OKI electronic componets

Back Button MSM82C54-2JS Datasheet HTML 13Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 14Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 15Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 16Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 17Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 18Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 19Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 20Page - OKI electronic componets MSM82C54-2JS Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
¡ Semiconductor
MSM82C54-2RS/GS/JS
Reading Counter Values
All MSM82C54-2 counting is down-counting, the counting being in steps of 2 in mode 3.
Counter values can be read during counting by. (1) direct reading, (2) counter latching (“read
on the fly”), and (3) read back command.
(1) Direct reading
Counter values can be read by direct reading operations.
Since the counter value read according to the timing of the RD and CLK signals is not
guaranteed, it is necessary to stop the counting by a gate input signal, or to interrupt the
clock input temporarily by an external circuit to ensure that the counter value is correctly
read.
(2) Counter latching
In this method, the counter value is latched by writing counter latch command, thereby
enabling a stable value to be read without effecting the counting in any way at all. The
output latch (OL) of the selected counter latches the count value when a counter latch
command is written. The count value is held until it is read by the CPU or the control word
is set again.
If a counter latch command is written again before reading while a certain counter is latched,
the second counter latch command is ignored and the value latched by the first counter latch
command is maintained.
The MSM82C54-2 features independent reading and writing from and to the same counter.
When a counter is programmed for the 2-byte counter value, the following sequence is
possible:
1. Count value (LSB) reading
2. New count value (LSB) writing
3. Count value (MSB) reading
4. New count value (MSB) writing
An example of a counter latching program is given below.
Counter latching executed for counter #1 (Read/Load 2-byte setting)
0 1 0 0 ¥ ¥ ¥ ¥
MVI A
Denotes counter latching
OUT n3
Write in control word address (n3)
IN n1
Reading of the LSB of the counter value
latched from counter #1.
n1: Conter #1 address
MOV B, A
IN n1
MOV C, A
Reading of MSB from counter #1
The counter value at this point is latching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com