Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSM82C55A-2VJS Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM82C55A-2VJS
Description  CMOS PROGRAMMABLE PERIPHERAL INTERFACE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C55A-2VJS Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM82C55A-2VJS Datasheet HTML 9Page - OKI electronic componets MSM82C55A-2VJS Datasheet HTML 10Page - OKI electronic componets MSM82C55A-2VJS Datasheet HTML 11Page - OKI electronic componets MSM82C55A-2VJS Datasheet HTML 12Page - OKI electronic componets MSM82C55A-2VJS Datasheet HTML 13Page - OKI electronic componets MSM82C55A-2VJS Datasheet HTML 14Page - OKI electronic componets MSM82C55A-2VJS Datasheet HTML 15Page - OKI electronic componets MSM82C55A-2VJS Datasheet HTML 16Page - OKI electronic componets MSM82C55A-2VJS Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
¡ Semiconductor
MSM82C55A-2RS/GS/VJS
1
1
D7
1
1
1
1
1
1
2
1
Type
3
4
6
5
7
8
1
1
1
1
1
1
1
1
0
0
D6
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D5
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D4
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
D3
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
D2
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
1
0
D0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
Output
Output
Port A
Output
Output
Output
Output
Output
Output
Input
Input
Input
Input
Input
Input
Input
Input
Output
Output
High Order 4 Bits
of Port C
Output
Output
Input
Input
Input
Input
Output
Output
Output
Output
Input
Input
Input
Input
Output
Output
Port B
Input
Input
Output
Output
Input
Input
Output
Output
Input
Input
Output
Output
Input
Input
Input
Output
Control Word
Group A
Group B
Low Order 4 Bits
of Port C
Output
Input
Input
Output
Ouput
Input
Input
Output
Output
Input
Input
Output
Output
Input
10
9
11
12
14
13
15
16
Notes: When used in mode 0 for both groups A and B
2. Mode 1 (Strobe input/output operation)
In mode 1, the strobe, interrupt and other control signals are used when input/output
operations are made from a specified port. This mode is available for both groups A and
B. In group A at this time, port A is used as the data line and port C as the control signal.
Following is a description of the input operation in mode 1.
STB (Strobe input)
When this signal is low level, the data output from terminal to port is fetched into the
internal latch of the port. This can be made independent from the CPU, and the data is not
output to the data bus until the RD signal arrives from the CPU.
IBF (Input buffer full flag output)
This is the response signal for the STB. This signal when turned to high level indicates that
data is fetched into the input latch. This signal turns to high level at the falling edge of STB
and to low level at the rising edge of RD.
INTR (Interrupt request output)
This is the interrupt request signal for the CPU of the data fetched into the input latch. It
is indicated by high level only when the internal INTE flip-flop is set. This signal turns to
high level at the rising edge of the STB (IBF = 1 at this time) and low level at the falling edge
of the RD when the INTE is set.
INTE A of group A is set when the bit for PC4 is set, while INTE B of group B is set when the
bit for PC2 is set.
Following is a description of the output operation of mode 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com