Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRK0612-FZ-R005E Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CRK0612-FZ-R005E
Description  Metal Strip, Wide Terminal Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRK0612-FZ-R005E Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CRK0612-FZ-R005E Datasheet HTML 1Page - Bourns Electronic Solutions CRK0612-FZ-R005E Datasheet HTML 2Page - Bourns Electronic Solutions CRK0612-FZ-R005E Datasheet HTML 3Page - Bourns Electronic Solutions CRK0612-FZ-R005E Datasheet HTML 4Page - Bourns Electronic Solutions CRK0612-FZ-R005E Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CRK 0612 - F Z - R005 E
Model
CRK = Metal Strip, Wide Terminal Current Sense Resistor
Size
0612 = 0612 Size
0815 = 0815 Size
Resistance Tolerance
F = ±1 %
J = ±5 %
TCR
Z = ±50 PPM/°C
Resistance Code – (See Standard Resistance Values Table)
“R” (decimal point) followed by three significant digits (example: R004 = 0.0040 ohms)
Packaging
E = Tape and Reel
CRK0612: 5,000 pcs. / 7-inch reel;
CRK0815: 4,000 pcs. / 7-inch reel
How to Order
CRK Series Metal Strip, Wide Terminal Current Sense Resistor
Solder Reflow Recommendations
TP
TP
tp
ts
T TO
RAMP-UP
L
TL
t L
T MAX.
S
T MIN.
25 °C
PREHEAT
S
Time
CRITICAL ZONE
RAMP-DOWN
8 MINUTES MAX.
t 25 *C TO PEAK
Solder Profile
Lead Free Assembly
Average ramp-up rate
(Tsmax to Tp)
3 °C / second max.
Preheat:
- Temperature Min. (Tsmin)
- Temperature Max. (Tsmax)
- Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~150 seconds
Time maintained above:
- Temperature (TL)
- Time (TL)
217 °C
60~120 seconds
Peak Temperature (Tp)
260 °C
Time within +0/-5 °C of actual
Peak Temperature (Tp)2
10 seconds
Ramp-down rate
6 °C / second max.
Time 25 °C to Peak
Temperature
8 minutes max.
Code
Resistance Value (milliohms
R001
1
R003
3
R005
5
R010
10
Code
Resistance Value (milliohms
R003
3
R004
4
R005
5
R010
10
CRK0612 Resistance Values Available
CRK0815 Resistance Values Available
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com