Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CRK0612-JZ-R005E Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CRK0612-JZ-R005E
Description  Metal Strip, Wide Terminal Current Sense Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRK0612-JZ-R005E Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CRK0612-JZ-R005E Datasheet HTML 1Page - Bourns Electronic Solutions CRK0612-JZ-R005E Datasheet HTML 2Page - Bourns Electronic Solutions CRK0612-JZ-R005E Datasheet HTML 3Page - Bourns Electronic Solutions CRK0612-JZ-R005E Datasheet HTML 4Page - Bourns Electronic Solutions CRK0612-JZ-R005E Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
CRK Series Metal Strip, Wide Terminal Current Sense Resistor
Packaging Dimensions (Conforms to EIA RS-481A)
Model
A
B
W
F
E
P1
P2
P0
D0
T
K
CRK0612
(papertape)
2.00±0.15
(.079±.006)
3.60±0.20
(.142±.008)
8.00±0.20
(.315±.008)
3.50±0.05
(.138±.002)
1.75±0.10
(.069±.004)
4.00±0.10
(.157±.004)
2.00±0.10
(.079±.004)
4.00±0.10
(.157±.004)
1.55±0.10
(.061±.004)
0.84±0.10
(.033±.004)
—
CRK0815
(embossed)
2.60±0.15
(.102±.006)
4.50±0.20
(.177±.008)
12.00±0.20
(.472±.008)
5.50±0.05
(.217±.002)
0.30±0.10
(.012±.004)
1.10±0.10
(.043±.004)
REV.04/23/19
BOTTOM
TAPE
TOP TAPE
RESISTOR
PAPER
TAPE
A
T
K
B
W
F
E
P1
P2
P0
D0 DIA.
DIRECTION OF UNREELING
9.0±1.0
(.354±.039)
60.0±1.0
(2.362±.039)
DIA.
DIA.
DIA.
11.5±1.0
(.453±.039)
178±2.0
(7.008±.079)
13.0±1.0
(.512±.039)
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com