Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HPZB01-IPEX Datasheet(PDF) 10 Page - HOPE Microelectronics CO., Ltd.

Part # HPZB01-IPEX
Description  ZigBee RF Transceiver Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

HPZB01-IPEX Datasheet(HTML) 10 Page - HOPE Microelectronics CO., Ltd.

Back Button HPZB01-IPEX Datasheet HTML 6Page - HOPE Microelectronics CO., Ltd. HPZB01-IPEX Datasheet HTML 7Page - HOPE Microelectronics CO., Ltd. HPZB01-IPEX Datasheet HTML 8Page - HOPE Microelectronics CO., Ltd. HPZB01-IPEX Datasheet HTML 9Page - HOPE Microelectronics CO., Ltd. HPZB01-IPEX Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. HPZB01-IPEX Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. HPZB01-IPEX Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. HPZB01-IPEX Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. HPZB01-IPEX Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HPZB01 /HPZB01P V1.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
                                              
                                                                                                                             
4 PCB Layout Recommendations
 
As the HPZB01(P)‐ANT module integrated with SMD antenna, The mounting position of the module will 
have great impact on the RF performance. There should not be any trace, ground plane , metal part and 
PCB  underneath or nearby the area of the SMD antenna. Except   the area of the SMD antenna, A  ground 
plane under the module is preferred. The figure below shows an example how the module positioned on 
the mother PCB. 
 
Figure 4‐1:  A recommended placement of the module on a main PCB 
 
Use ferrite bead and 1uF capacitor located closely to the power supply pin is recommended, As shown 
below. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com