Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM350310 Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # EM350310
Description  EuroMag Series PCB Mount Terminal Blocks
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM350310 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  EM350310 Datasheet HTML 1Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 2Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 3Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 4Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 5Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 6Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 7Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 8Page - Eaton All Rights Reserved. EM350310 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
For additional product information, visit
www.eaton.com/connectors
L
0.035
(0.90)
0.19
(4.9)
0.40
(10.2)
0.197
(5.00)
0.10
(2.50)
0.10
(2.5)
0.57
(14.5)
0.10
(2.6)
0.33
(8.5)
0.12
(3.1)
0.07
(1.8)
0.03
(0.8)
To convert to inches, divide by 25.4
EM2585 Series
EuroMag Terminal Blocks
5.00 Centers; Modular
SPECIFICATIONS
Rating: 16A, 300V
Center Spacing: 0.197” (5.00mm)
Wire Range: #12-26 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Brass Tin-Plated
Screw Size: M
2.6 Zinc-Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating:
5.0 lb-in.
Recommended PCB Hole Diameters: 0.055” (1.40mm)
Construction: Modular design features dovetails for
interlocking to achieve longer lengths
Connector Style: Rising Cage and screw
Agency Information:
File E62622; CE Certified
Position
02
03
04
05
06
07
08
09
10
11
12
13
L (mm)
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
Position
14
15
16
17
18
19
20
21
22
23
24
L (mm)
70.0
75.0
80.0
85.0
90.0
95.0
100.0
105.0
110.0
115.0
120.0
Part Numbering System
Series
# of Positions
Orientation
nnnnnnnnnnnn nnnn
nn
02 to 24
H - horizontal
V - vertical
E M 25 8 5
L
EM2585V
0.197
(5.00)
0.40
(10.2)
0.10
(2.5)
0.10
(2.5)
0.10
(2.5)
0.57
(14.5)
0.18
(4.7)
0.035
(0.90)
0.12
(3.1)
0.34
(8.5)
0.031
(0.79)
HORIZONTAL
EM258505V
VERTICAL
Dimensions - in (mm)
EuroMag Series PCB Mount Terminal Blocks
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com