Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP6166 Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6166
Description  600mA Low Noise High PSRR LDO with Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6166 Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

Back Button FP6166 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6166 Datasheet HTML 11Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FP6166-0.4-OCT-2012
FP6166
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
200
μs/div.
200
μs/div.
Figure 16. Load Transition Response
Figure 17. Load Transition Response
40
μs/div.
40
μs/div.
Figure 18. Enable Test
Figure 19. Shutdown Test
1ms/div.
1ms/div.
Figure 20. Line Transition Response
Figure 21. Line Transition Response
VOUT
100mV/div.
IOUT 500mA/div.
VOUT
100mV/div.
IOUT 500mA/div.
2V/div.
VOUT
1V/div.
2V/div.
VOUT
1V/div.
VIN=5V, VOUT=3.3V, IOUT=0mA to 600mA
VIN=5V, VOUT=3.3V, IOUT=10mA to 600mA
VIN=5V, VOUT=3.3V, IOUT=600mA
VIN=5V, VOUT=3.3V, IOUT=600mA
VIN=2.2V3.2V, VOUT=1.2V, IOUT=10mA
VOUT
20mV/div.
VIN
1V/div.
VOUT
20mV/div.
VIN
1V/div.
VIN=3.5V4.5V, VOUT=3.3V, IOUT=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com