Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP6329ASOGTR Datasheet(PDF) 14 Page - Fitipower Integrated Technology Inc.

Part # FP6329ASOGTR
Description  Synchronous Buck PWM DC-DC Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6329ASOGTR Datasheet(HTML) 14 Page - Fitipower Integrated Technology Inc.

Back Button FP6329ASOGTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6329ASOGTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6329ASOGTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6329ASOGTR Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6329ASOGTR Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6329ASOGTR Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6329ASOGTR Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FP6329ASOGTR Datasheet HTML 15Page - Fitipower Integrated Technology Inc. FP6329ASOGTR Datasheet HTML 16Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
FP6329/A/B-1.0-APR-2010
FP6329/A
85T
fitipower integrated technology lnc.
Application Information (Continued)
Layout Notice
When
designing
a
high
frequency
switching
regulated power supply, layout is very important.
Using a good layout can solve many problems
associated with these types of supplies.
The
problems due to a bad layout are often seen at high
current levels and are usually more obvious at large
input to output voltage differentials.
Some of the
main problems are loss of regulation at high output
current
and/or
large
input
to
output
voltage
differentials, excessive noise on the output and
switch waveforms, and instability.
Using the simple
guidelines that follow will help minimize these
problems.
(1) Inductor
Always try to use a low EMI inductor with a ferrite
type closed core.
Open core can be used if they
have low EMI characteristics and are located a bit
more
away
from
the
low
power
traces
and
components.
(2) Feedback
Try to put the feedback trace as far from the inductor
and noisy power traces as possible.
You would also
like the feedback trace to be as direct as possible
and somewhat thick.
These two sometimes involve
a trade-off, but keeping it away from inductor EMI
and other noise sources is the more critical of the
two.
It is often a good idea to run the feedback trace
on the side of the PCB opposite of the inductor with a
ground plane separating the two.
(3) Filter Capacitors
When using a low value ceramic input filter capacitor,
it should be located as close to the VIN pin of the IC
as possible.
This will eliminate as much trace
inductance effects as possible and give the internal
IC rail a cleaner voltage supply.
Sometimes using a
small resistor between VCC and IC VCC pin will more
useful because the RC will be a low-pass filter.
Some designs require the use of a feed-forward
capacitor connected from the output to the feedback
pin as well, usually for stability reasons.
(4) Compensation
If external compensation components are needed
for stability, they should also be placed closed to
the
IC.
Surface
mount
components
are
recommended here as well for the same reasons
discussed for the filter capacitors.
(5) Traces and Ground Plane
Make all of the power (high current) traces as short,
direct, and thick as possible.
It is a good practice
on a standard PCB board to make the traces an
absolute
minimum
of
15mils
(0.381mm)
per
Ampere.
The inductor, output capacitors, and low
side switch should be as close to each other
possible.
This will reduce lead inductance and
resistance as well which in turn reduces noise
spikes, ringing, and resistive losses which produce
voltage errors.
The grounds of the IC, input
capacitors, output capacitors, and low side switch
should be connected close together directly to a
ground plane.
It would also be a good idea to
have a ground plane on both sides of the PCB.
For multi-layer boards with more than two layers, a
ground plane can be used to separate the power
plane
and
the
signal
plane
for
improved
performance.
It is good practice to use one
standard via per 200mA of current if the trace will
need to conduct a significant amount of current
from one plane to the other.
Due to the way
switching regulators operate, there are power on
and power off states.
During each state there will
be a current loop made by the power components
that are currently conducting.
Place the power
components so that during each of the two states
the current loop is conducting in the same direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com