Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB1625-2R5256-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # HB1625-2R5256-R
Description  Cylindrical cells
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HB1625-2R5256-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  HB1625-2R5256-R Datasheet HTML 1Page - Eaton All Rights Reserved. HB1625-2R5256-R Datasheet HTML 2Page - Eaton All Rights Reserved. HB1625-2R5256-R Datasheet HTML 3Page - Eaton All Rights Reserved. HB1625-2R5256-R Datasheet HTML 4Page - Eaton All Rights Reserved. HB1625-2R5256-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data
4375
Effective November 2016
HB supercapacitors
Cylindrical cells
www.eaton.com/electronics
Dimensions (mm)
Part Number
ØD
nominal
ØD
maximum
L maximum
F ±0.50
Ød ±0.02
C minimum
C’ minimum
Typical mass
(grams/pieces)
HB0820-2R5305-R
8
8.5
21
3.5
0.5
20
25
1.5
HB1020-2R5505-R
10
10.5
22.3
5
0.6
20
25
2.4
HB0830-2R5605-R
8
8.5
31
3.5
0.5
20
25
2.4
HB1030-2R5106-R
10
10.5
31.5
5
0.6
20
25
3.5
HB1325-2R5156-R
13
13.5
28.4
5
0.6
20
25
4.8
HB1625-2R5256-R
16
16.5
28.4
7.5
0.8
20
25
8.2
HB1635-2R5356-R
16
16.5
38
7.5
0.8
20
25
9.8
HB1840-2R5606-R
18
18.5
42
7.5
0.8
20
25
13.8
HB1860-2R5117-R
18
18.5
60.5
7.5
0.8
20
25
22
Part numbering system
HB
1860
–2R5
11
7
-R
Family Code
Size reference (mm)
Voltage (V)
R = decimal
Capacitance (μF)
Value
Multiplier
Standard product
HB = Family Code
Diameter = 18
Length = 60
2R5 = 2.5 V
Example 117= 11 x 107 μF or 110 F
Packaging information
•
Standard packaging: Bulk, 100 units per bag
(8 mm - 13 mm diameter)
•
16 mm - 18 mm diameter products: Bulk package
quantity varies by size.
Part marking
•
Manufacturer
•
Capacitance (F)
•
Nominal working voltage (V)
•
Family code (or part number)
•
Polarity
L
C
d
C’
Longer lead ispositive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com