| Electronic Components Datasheet Search |
|
TDA9112A Datasheet(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112A Datasheet(HTML) 42 Page - STMicroelectronics |
|
42 / 60 page ![]() TDA9112A 42/60 9.5 EW drive section The goal of the EW drive section is to provide, on pin EWOut, a waveform which, used by an external DC-coupled power stage, serves to compensate for those geometry errors of the picture that are symmetric versus vertical axis across the middle of the screen. The waveform consists of an adjustable DC value, corresponding to horizontal size, a parabola of 2nd order for “pin cushion” correction, a linear for “key- stone” correction, independent half-parabolas of 4th order for top and bottom corner corrections, S- shape for “S” correction and W shape for “W” cor- rection. All of them are adjustable via I²C-bus, see Chapter 8 - page 27 . Refer to Figure 14, Figure 15 and chapter Chapter 7 - page 22 . The adjustments of these correction waveforms have no effect in the middle of the ver- tical scan period (if the VPOS control is adjusted to its medium value). As they are summed, the re- sulting waveform tends to reach its maximum span at top and bottom of the picture. The voltage at the EWOut is top and bottom limited (see parameter VEW ). According to Figure 15, especially the bottom limitation seems to be critical for maximum hori- zontal size (minimum DC). Actually it is not critical since the parabola component must always be ap- plied to obtain a picture without pin cushion distor- tion. As all the components of the resulting correc- tion waveform are generated from an internal line- ar vertical sawtooth waveform bearing VSIZE and VPOS adjustments, they all track with vertical am- plitude and position, thus being fixed vertically on the screen. They are not affected by C- and S-cor- rections, by prescale adjustments ( VSAG and VPOF), by vertical breathing compensation and by vertical moire cancellation. The sum of compo- nents other than DC is conditionally affected by value in HSIZE I²C-bus control in reversed sense. Refer to electrical specifications for value. This tracking with HSIZE can be switched off by EWTrHSize I²C-bus bit. The DC value, adjusted via HSIZE control, is also affected by voltage on HEHTIn input, thus providing a horizontal breathing compensation. The effect of this compensation is controlled by HEHTG. The resulting waveform is conditionally multiplied with voltage on HPLL1F, which depends on frequency. Refer to electrical specifications for values. This tracking with fre- quency provides a rough compensation of varia- tion of picture geometry with frequency and allows to fix the adjustment ranges of I²C-bus controls throughout the operating range of horizontal fre- quencies. It can be switched off by EWTrHFr I²C- bus bit (off by default). The functionality is ex- plained in Figure 13. The upper part gives the influ- ence on DC component, the lower part on AC component, showing also the tracking with HSIZE. Grey zones give the total span of breathing correc- tion using the whole range of input operating volt- age on HEHTIn input and whole range of adjust- ment of HEHTG register. The EW waveform signal is buffered by an NPN emitter follower, the emitter of which is directly routed to EWOut output. It is internally biased (see electrical specifications for current value). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |