Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM257511VC Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # EM257511VC
Description  Header (Mates with EM2565, EM2488, EM3108 Series); 5.08 Centers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM257511VC Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  EM257511VC Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional product information, visit
www.eaton.com/connectors
EuroMag Series PCB Mount Pluggable Terminal Blocks
VERTICAL -
OPEN
VERTICAL -
CLOSED
Ø1.5
(Ø 0.059")
5.08±0.1
(0.200")
4.5±0.3
(0.177")
12±0.3
(0.472")
L±0.5
5.08±0.1
(0.200")
L±0.5
1.00±0.1
[0.039]
PCB Hole Layout
8.3+_0.3
(0.327")
1+_0.1
(0.039")
12+_0.3
(0.472")
1.8+_0.3
(0.071")
L+_0.5
5.08+_0.1
(0.200")
Ø1.5
(Ø 0.059")
5.08+_0.1
(0.200")
5.08+_0.1
(0.200")
L+_0.5
1.00+_0.1
(0.039")
PCB Hole Layout
EM2575 Series
EuroMag Terminal Blocks
Header (Mates with EM2565, EM2488,
EM3108 Series); 5.08 Centers
SPECIFICATIONS
Rating: 16A, 300V
Center Spacing: 0.20” (5.08mm)
Consult factory for 0.40” (10.16mm)
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Brass Tin-Plated
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Recommended PCB Hole Diameters: 0.055" (1.40mm)
Construction: Mold-to-Length
Agency Information:
File E62622; CE Certified
Part Numbering System
Series
# of Poles
Orientation
Side Base
nnnnnnnnnnnn nnnn
nn
nn
02 to 24
H - horizontal
O - open
V - vertical
C - closed
EM 2 5 7 5
HORIZONTAL -
OPEN
HORIZONTAL -
CLOSED
Poles
2
3
4
5
6
7
8
9
10
11
12
13
Open
L (mm)
10.16
15.24
20.32
25.40
30.48
35.56
40.64
45.72
50.80
55.88
60.96
66.04
Poles
14
15
16
17
18
19
20
21
22
23
24
Open
L (mm)
71.12
76.20
81.28
86.36
91.44
96.52
101.60
106.68
111.76
116.84
121.92
Closed
L (mm)
12.08
17.16
22.24
27.32
32.40
37.48
42.66
47.64
62.72
67.80
62.88
67.96
Closed
L (mm)
73.04
78.12
83.20
88.28
93.36
98.44
103.52
105.60
113.68
118.76
123.84
To convert to inches, divide by 25.4
EM257506HO
EM257512HC
EM257512VC
EM257506VO
Mating Plugs: EM2565 pg.
89
EM2488 pg.
90
EM3108 pg.
91
Dimensions - mm (in)
92


Similar Part No. - EM257511VC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EM257508VO COOPER-EM257508VO Datasheet
96Kb / 1P
EuroMag Series PCB Mount Pluggable Terminal Blocks
More results

Similar Description - EM257511VC

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2118 EATON-EM2118 Datasheet
1Mb / 1P
Pluggable Terminal Block with Flanges; (Mates with EM2218 Series); 5.08 Centers
EM2218 EATON-EM2218 Datasheet
952Kb / 1P
Header with Flanges; (Mates with EM2118, EM3118 Series); 5.08 Centers
EM2221 EATON-EM2221 Datasheet
1Mb / 1P
Closed Header; (Mates with EM3533 Series); 3.50 Centers
EM2525 EATON-EM2525 Datasheet
656Kb / 1P
Pluggable Block (Mates with EM2535 Series); 5.00 Centers
EM2565 EATON-EM2565 Datasheet
909Kb / 1P
Pluggable Block (Mates with EM2575 Series); 5.08 Centers
EM3533 EATON-EM3533 Datasheet
1,015Kb / 1P
Pluggable Block (Mates with EM2221 Series); 3.50 Centers
EM3553 EATON-EM3553 Datasheet
1,014Kb / 1P
(Mates with EM3593 Series); 3.81 Centers
EM3593 EATON-EM3593 Datasheet
681Kb / 1P
Header (Mates with EM3553, EM3543, and EM3583 Series); 3.81 Centers
EM5015 EATON-EM5015 Datasheet
663Kb / 1P
Pluggable Block (Mates with EM5025 Series); 5.00 Centers
EM5045 EATON-EM5045 Datasheet
664Kb / 1P
Header (Mates with EM5035 Series); 5.00 Centers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com