Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV0810-2R7105-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # HV0810-2R7105-R
Description  Cylindrical cells
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HV0810-2R7105-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  HV0810-2R7105-R Datasheet HTML 1Page - Eaton All Rights Reserved. HV0810-2R7105-R Datasheet HTML 2Page - Eaton All Rights Reserved. HV0810-2R7105-R Datasheet HTML 3Page - Eaton All Rights Reserved. HV0810-2R7105-R Datasheet HTML 4Page - Eaton All Rights Reserved. HV0810-2R7105-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
HV supercapacitors
Cylindrical cells
Technical Data
4376
Effective May 2016
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/elx
© 2016 Eaton
All Rights Reserved
Printed in USA
Publication No. 4376-BU-MC16012
May 2016
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Wave solder profile
Profile Feature
Standard SnPb Solder
Lead (Pb) Free Solder
Preheat and soak
• Temperature max. (Tsmax)
100 °C
100 °C
• Time max.
60 seconds
60 seconds
D preheat to max Temperature
160 °C max.
160 °C max.
Peak temperature (TP)*
220 °C – 260 °C
250 °C – 260 °C
Time at peak temperature (tp)
10 seconds max
5 seconds max each wave
10 seconds max
5 seconds max each wave
Ramp-down rate
~ 2 K/s min
~3.5 K/s typ
~5 K/s max
~ 2 K/s min
~3.5 K/s typ
~5 K/s max
Time 25 °C to 25 °C
4 minutes
4 minutes
Manual solder
+350 °C, 4-5 seconds. (by soldering iron), generally manual, hand soldering is not recommended.
Cleaning/Washing
Avoid cleaning of circuit boards, however if the circuit board must be cleaned use static or ultrasonic immersion in a standard circuit board
cleaning fluid for no more than 5 minutes and a maximum temperature of +60 °C. Afterwards thoroughly rinse and dry the circuit boards. In
general, treat supercapacitors in the same manner you would an aluminum electrolytic capacitor.
Time
Tsmin
Tsmax
Tstyp
Tp
tp
First Wave
Second Wave
Preheat area
Cool down area



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com