Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FP6801-24CS5P Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6801-24CS5P
Description  Microprocessor Reset Circuits With Adjustable Delay Time
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6801-24CS5P Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

  FP6801-24CS5P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6801-24CS5P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6801-24CS5P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6801-24CS5P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6801-24CS5P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6801-24CS5P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6801-24CS5P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6801-24CS5P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6801-24CS5P Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FP6801-1.7-DEC-2012
FP6801
85T
fitipower integrated technology lnc.
Typical Performance Curves (Continued)
Figure 11. PCH Output Current (ID) Capability for -VTH=2.7V
Figure 12. NCH Output Current (ID) Capability for
-VTH=2.7V
Figure 13. Power-Up OUT Timeout Waveforms for
-VTH=2.7V
Figure 14. Power-Down OUT Timeout Waveforms
for-VTH=2.7V
1
10
100
1000
10
100
1000
10000
C
D
(nF)
Ta=25
oC
Figure 15. Delay Time(TD) vs. Capacitance (CD) for
-VTH=2.7V
0.0
0.5
1.0
1.5
2.0
2.5
0
4
8
12
16
20
24
PCH
V
DD
= 3 (V)
V
DD
= 4 (V)
Input Voltage (V)
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
0
5
10
15
20
25
NCH
V
DD
= 2.65 (V)
V
DD
= 2.2 (V)
Input Voltage (V)
VDD
OUT
VDD
OUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com