Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6710 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6710
Description  6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6710 Datasheet(HTML) 1 Page - STMicroelectronics

  L6710 Datasheet HTML 1Page - STMicroelectronics L6710 Datasheet HTML 2Page - STMicroelectronics L6710 Datasheet HTML 3Page - STMicroelectronics L6710 Datasheet HTML 4Page - STMicroelectronics L6710 Datasheet HTML 5Page - STMicroelectronics L6710 Datasheet HTML 6Page - STMicroelectronics L6710 Datasheet HTML 7Page - STMicroelectronics L6710 Datasheet HTML 8Page - STMicroelectronics L6710 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1/34
L6710
March 2004
2 PHASE OPERATION WITH
SYNCRHONOUS RECTIFIER CONTROL
ULTRA FAST LOAD TRANSIENT RESPONSE
INTEGRATED HIGH CURRENT GATE
DRIVERS: UP TO 2A GATE CURRENT
6 BIT PROGRAMMABLE OUTPUT
COMPLIANT WITH VRD 10
DYNAMIC VID MANAGEMENT
0.5% OUTPUT VOLTAGE ACCURACY
10% ACTIVE CURRENT SHARING
ACCURACY
DIGITAL 2048 STEP SOFT-START
OVERVOLTAGE PROTECTION
OVERCURRENT PROTECTION REALIZED
USING THE LOWER MOSFET'S RdsON OR A
SENSE RESISTOR
OSCILLATOR EXTERNALLY ADJUSTABLE
AND INTERNALLY FIXED AT 150kHz
POWER GOOD OUTPUT AND ENABLE
FUNCTION
INTEGRATED REMOTE SENSE BUFFER
APPLICATIONS
POWER SUPPLY FOR HIGH CURRENT
MICROPROCESSORS
POWER SUPPLY FOR SERVER AND
WORKSTATION
DISTRIBUTED POWER SUPPLY
DESCRIPTION
The device implements a two phase step-down
controller with a 180 phase-shift between each
phase with integrated high current drivers in a
compact 10x10mm body package with exposed
pad. A precise 6-bit digital to analog converter
(DAC) allows adjusting the output voltage from
0.8375V to 1.6000V with 12.5mV binary steps
managing Dynamic VID code changes.
The high precision internal reference assures the
selected output voltage to be within 0.5% over line
and temperature variations. The high peak current
gate drive affords to have fast switching to the ex-
ternal power mos providing low switching losses.
The device assures a fast protection against load
over current and load over/under voltage. An inter-
nal crowbar is provided turning on the low side
mosfet if an over-voltage is detected.
In case of over-current, the system works in Con-
stant Current mode until UVP
PIN CONNECTION (top view)
REF_OUT
VSEN
OUTEN
N.C.
N.C.
FBR
FBG
ISEN1
PGNDS
ISEN2
OSC / FAULT
N.C.
HGATE1
PHASE1
VCCDR
LGATE1
PGND
LGATE2
N.C.
PHASE2
HGATE2
N.C.
34
35
36
37
38
39
40
41
42
43
1
44
2
3
4
5
6
7
8
9
10 11
22
21
20
19
18
17
16
15
14
13
12
33 32 31 30 29 28 27 26 25 24 23
TQFP44 (10 x 10 x 1mm) Exposed Pad
ORDERING NUMBERS:L6710
L6710TR (Tape & Reel)
6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER
WITH DYNAMIC VID MANAGEMENT


Similar Part No. - L6710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711 STMICROELECTRONICS-L6711 Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
L6711TR STMICROELECTRONICS-L6711TR Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711TR STMICROELECTRONICS-L6711TR Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
L6711 STMICROELECTRONICS-L6711_06 Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
More results

Similar Description - L6710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Dec-2002
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
6-Bit VID Controller 2-4 Phase VRM10.X Controller
logo
STMicroelectronics
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
Sep-2003
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
Programmable Point-of-Load Controller with 6-bit VID
logo
STMicroelectronics
L6711 STMICROELECTRONICS-L6711 Datasheet
615Kb / 38P
3 PHASE CONTROLLER WITH DYNAMIC VID AND SELECTABLE DACs
Nov-2004
L6711 STMICROELECTRONICS-L6711_06 Datasheet
633Kb / 50P
3 Phase controller with dynamic VID and selectable DACs
18-Apr-2006
logo
Richtek Technology Corp...
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
DS8816A RICHTEK-DS8816A Datasheet
349Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com