Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BH-3003 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # BH-3003
Description  BH-3 modular fuse blocks, 700 V, 700 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

BH-3003 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  BH-3003 Datasheet HTML 1Page - Eaton All Rights Reserved. BH-3003 Datasheet HTML 2Page - Eaton All Rights Reserved. BH-3003 Datasheet HTML 3Page - Eaton All Rights Reserved. BH-3003 Datasheet HTML 4Page - Eaton All Rights Reserved. BH-3003 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data 1203
Effective December 2016
BH-3 modular fuse blocks, 700 V, 700 A
Eaton.com/bussmannseries
Dimensions: — mm/in
See Table 1 for A, B and C dimensions per fuse catalog symbol/
ampacity and block catalog number from Build-a-Code.
Agency information*
0: No agency information
1: UL Recognized and CSA Certified
Wire connector (AWG Cu)*
0: No connector
3: 2 hole for 6 - 250 kcmil
4: 2 hole for 4 - 500 kcmil
Stud size
3: 3/8-16
4: 7/16-14
5: 3/8-16L
Catalog number build-a-code
BH - 3 X X X
Block family
Notes:
1. The #4 connector must be used with either the 7/16-14 or the 3/8-16L stud.
2. The only compatible connector for the 7/16-14 stud is #4.
3. Always check applicable end use standards for required spacing between blocks, fuses or other hardware.
4. For applications above 700 V, consult appropriate electrical standard for proper creepage distances, clearance distances and insulator
voltage withstand ratings.
* Applicable only to BH-300_ configuration — no agency information, no connector.
98.6
3.882"
B
C
46.99
1.85"
A
17.78
0.7"
125.6
4.945"
101.6
4.0"
(TYP. 3)
6.6 x 9.53
0.26" x 0.375"
13.97 x 15.62
0.55" x 0.615"
(TYP. 3)
82.55
3.25"
46.99
1.85"



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com