Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OE3496G Datasheet(PDF) 2 Page - OKI electronic componets

Part # OE3496G
Description  1.3 關m Edge-Emitting LED Coaxial Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

OE3496G Datasheet(HTML) 2 Page - OKI electronic componets

  OE3496G Datasheet HTML 1Page - OKI electronic componets OE3496G Datasheet HTML 2Page - OKI electronic componets OE3496G Datasheet HTML 3Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
EDGE EMITTING DIODES
OE3496G
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Forward Current
Reverse Voltage
Operating Temperature
Storage Temperature
IF
VR
Topr
Tstg
150
mA
1V
–20 to +65
°C
–40 to +85
°C
Test Conditions
Ta=25°C
OPTICAL AND ELECTRICAL CHARACTERISTICS
FIBER PIGTAIL SPECIFICATIONS
Parameter
Specifications
Unit
Fiber Type
Mode Field Diameter
Connector
Single-mode
9±1
m
m
FC
Cladding Diameter
125±2
m
m
Jacket Diameter
900
m
m
Length
1 (Min)
m
Parameter
Symbol
Min.
Unit
Peak-emission Wavelength
l
p
1270
nm
(Ta=25°C)
Typ.
1300
Max.
1330
Test Conditions
IF=100 mA
Spectral Bandwidth
Dl
—nm
60
100
IF=100 mA
Rise Time
tr
—ns
2—
Pf=40 mW,
Fall Time
tf
—ns
3—
10% to 90%
Forward Voltage
Vf
V
—2
IF=100 mA
Fiber Output Power
Pf
40
m
W
——
IF=100 mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com