Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCF17-1/2 Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # TCF17-1/2
Description  UL Class CF branch circuit time-delay CUBEFuse
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCF17-1/2 Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  TCF17-1/2 Datasheet HTML 1Page - Eaton All Rights Reserved. TCF17-1/2 Datasheet HTML 2Page - Eaton All Rights Reserved. TCF17-1/2 Datasheet HTML 3Page - Eaton All Rights Reserved. TCF17-1/2 Datasheet HTML 4Page - Eaton All Rights Reserved. TCF17-1/2 Datasheet HTML 5Page - Eaton All Rights Reserved. TCF17-1/2 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data 9000
Effective March 2019
UL Class CF branch circuit time-delay CUBEFuse
Eaton.com/bussmannseries
Motor sizing table (from NEC Tables 430.248 and 430.250)
Bussmann series TCF Low-Peak time-delay Class CF fuses
Voltage
Motor size
(Hp)
Motor FLA
(amps)
Min
(amps)
NEC
code max
(amps)
Heavy
start*
(amps)
575 Vac,
3-phase
0.5
0.9
3
3
3
0.75
1.3
3
3
3
1
1.7
3
3
3
1.5
2.4
6
6
6
2
2.7
6
6
6
3
3.9
6
10
10
5
6.1
10
15
15
7.5
9
15
20
20
10
11
17.5
20
20
40**
41
70
80
80
50
52
80
100
110
60
62
100
110
125
75
77
125
150
150
100
99
150
175
200
125
125
200
225
250
150
144
225
300
300
200
192
300
350
400
Note: Use NEC code max column for low to moderate reverse/jog/
plug applications.
* Heavy Start permitted only if NEC code max does not allow motor start-up.
**If equipment terminations are rated for 60°C conductors only, the 60°C
conductor ampacities must be utilized and therefore larger conductor sizes or
conduit sizes may be required.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com