Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29DW128F70NF6 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M29DW128F70NF6
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V Supply, Flash Memory
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F70NF6 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M29DW128F70NF6 Datasheet HTML 35Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 36Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 37Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 38Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 39Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 40Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 41Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 42Page - STMicroelectronics M29DW128F70NF6 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
M29DW128F
6 Command Interface
39/93
3.
The fourth cycle inputs the 16-bit data required to program the Password.
To program the 64-bit Password, the complete command sequence must be entered four times
at four consecutive addresses selected by A1 to A0.
Read operations can be used to read the Status Register during a Password Program
operation. All other operations are forbidden.
The Password can be checked by issuing a Password Verify command.
Once Password Program operation has completed, a Read/ Reset command must be issued to
return the device to Read mode. The Password Protection mode can then be selected.
By default, all Password bits are set to ‘1’.
6.3.6
Password Verify command
The Password Verify Command is used to verify the Password used in Password Protection
mode. To verify the 64-bit Password, the complete command sequence must be entered four
times at four consecutive addresses selected by A1 to A0. If the Password Mode Locking Bit is
programmed and the user attempts to verify the Password, the device will output all F’s onto the
I/O data bus. The Password is output regardless of the bank address.
The user must issue a Read/reset command to return the device to Read mode.
Dual operations are not allowed during a Password Verify operation.
6.3.7
Password Protection Unlock command
The Password Protection Unlock command is used to clear the Lock-Down bit in order to
unprotect all Non-Volatile Modify Protection bits when the device is in Password Protection
mode. The Password Protection Unlock command must be issued along with the correct
Password.
The complete command sequence must be entered for each 16 bits of the Password.
There must be a 2µs delay between successive Password Protection Unlock commands in
order to prevent hackers from cracking the Password by trying all possible 64-bit combinations.
If this delay is not respected, the latest command will be ignored.
6.3.8
Set Password Protection Mode command
The Set Password Protection Mode command puts the device in Password Protection mode by
programming the Password Protection Mode Lock bit to ‘1’. This command can be issued either
with the Reset/Block Temporary Unprotect pin, RP, at VID or at VIH.
Six cycles are required to issue a Set Password Protection Mode command:
1.
The first two cycles are unlock cycles.
2.
The third cycle issues the command.
3.
The fourth and fifth cycles select the address (see Table 17: Protection Command
Addresses).
4.
The last cycle verifies if the operation has been successful. If DQ0 is set to ’1’, the device
has successfully entered the Password Protection mode. If DQ0 is ‘0’, the operation has
failed and the command must be re-issued.
There must be a 100µs delay between the fourth and fifth cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com