Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAM3D2P60L Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

Part # DAM3D2P60L
Description  P-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAM3D2P60L Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAM3D2P60L Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAM3D2P60L Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAM3D2P60L Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAM3D2P60L Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P-Channel Enhancement Mode MOSFET
Features
VDSS = -60V
RDS(ON) Typ.87mΩ @ VGS = -10V
Fully Avalanche Rated
Pb Free & RoHS Compliant
100% EAS Guaranteed
Applications
Motor Drive
LED Applications
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Drain Source Voltage
VDS
-60
V
Gate Source Voltage
VGS
±20
V
Drain Current Continuous
@ TA = 25°C
ID
-3.2
A
@ TA = 70°C
-2.56
Drain Current Pulsed@ TC = 25°C
IDM
-12.8
A
Single Pulse Avalanche Energy
EAS
25
mJ
Single Pulse Avalanche Current
IAS
-18
A
Maximum Power Dissipation
PD
2.02
W
Storage Temperature Range
TSTG
-50 to +150
°C
Operating Junction Temperature Range
TJ
-50 to +150
°C
Thermal Resistance Junction to Case
R
θJC
23
°C/W
Thermal Resistance Junction to ambient
R
θJA
62
°C/W
Jun.2018
DAM3D2P60L
Note3
Note3


Similar Part No. - DAM3D2P60L

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAM30N200F DACO-DAM30N200F Datasheet
260Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM30N20D DACO-DAM30N20D Datasheet
233Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM30N30S DACO-DAM30N30S Datasheet
255Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM30N60C DACO-DAM30N60C Datasheet
281Kb / 4P
N-Channel Enhancement Mode MOSFET
DAM30N60F DACO-DAM30N60F Datasheet
264Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - DAM3D2P60L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com