Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPCR06B Datasheet(PDF) 2 Page - Generalplus Technology Inc.

Part # GPCR06B
Description  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCR06B Datasheet(HTML) 2 Page - Generalplus Technology Inc.

  GPCR06B Datasheet HTML 1Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 2Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 3Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 4Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 5Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 6Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 7Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 8Page - Generalplus Technology Inc. GPCR06B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
GPCR06B
5. SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
PLAY_BUSY
1
O
The state of this pin will be high while playing.
RECLED
2
O
The state of this pin will be high while recording message.
RECO
3
I
RECO , the record-request pin of GPCR06A, normally is connected to a key.
GPCR06A is able to record voice as long as the key is being pressed (low active).
PLAY
4
I
PLAY , the play-request pin of GPCR06A, normally is connected to a key.
When the
key is pressed (falling edge triggering), GPCR06A is able to perform play function.
OPT*
5
I
ROSC option, the pin can be used to remold the R to offer various based frequency, i.e.,
the sampling rate, 4.3KHz or 6.0KHz, is optional.
AVDD, VDD
10, 6
Power
Analog and Digital power buses.
BPOPT
7
I
Beep option, the pin can be used to offer “beep’’ voice when press RECO key, i.e.,
BPOPT VDD bonding together will have no “beep” function; BPOPT floating will have
“beep” function
AVSS, VSS
9, 14
Ground
Analog and Digital ground buses.
TEST
8
I
GPCR06A is able to perform the testing mod when the pin is low.
OP1I
11
I
OP input of MIC preamplifier.
OP1O
12
O
OP output of MIC preamplifier.
AUDOUT
13
O
AUDIO voltage output.
Note: *OPT is the selection pin for various based frequency.
The shape looks like in the right figure.
The reason of OPT bonded near by VDD is that when
high frequency is selected, it will make connection between VDD and OPT easily.
OPT
VDD
BPOPT
Sampling rate = 6.0KHz
Bonding Point
With "beep" function
OPT
VDD
BPOPT
Bonding Point
Sampling rate = 4.3KHz
With "beep" function
OPT
VDD
BPOPT
Sampling rate = 6.0KHz
Bonding Point
Without "beep" function
OPT
VDD
BPOPT
Bonding Point
Sampling rate = 4.3KHz
Without "beep" function
© Generalplus Technology Inc.
Proprietary & Confidential
2
MAR. 03, 2005
Version: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com