Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPES282A Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPES282A
Description  Easy-to-use SOUNDPLUS (256KB OTP)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPES282A Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPES282A Datasheet HTML 5Page - Generalplus Technology Inc. GPES282A Datasheet HTML 6Page - Generalplus Technology Inc. GPES282A Datasheet HTML 7Page - Generalplus Technology Inc. GPES282A Datasheet HTML 8Page - Generalplus Technology Inc. GPES282A Datasheet HTML 9Page - Generalplus Technology Inc. GPES282A Datasheet HTML 10Page - Generalplus Technology Inc. GPES282A Datasheet HTML 11Page - Generalplus Technology Inc. GPES282A Datasheet HTML 12Page - Generalplus Technology Inc. GPES282A Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
GPES282A
© Generalplus Technology Inc.
Proprietary & Confidential
9
MAR. 07, 2008
Version: 1.1
7.5. The Relationships between the ROSC and the FCPU
7.5.1. VDD = 3.0V, TA = 25℃
120K, 2.94M
100K, 3.52M
91K, 3.84M
51K, 6.64M
56K, 6.14M
62K, 5.48M
68K, 5.10M
75K, 4.65M
82K, 4.25M
130K, 2.71M
110K, 3.22M
160K, 2.19M 180K, 1.97M
1
2
3
4
5
6
7
50
70
90
110
130
150
170
ROSC (KΩ)
7.5.2. VDD = 4.5V, TA = 25℃
180K, 2.04M
160K, 2.28M
110K, 3.35M
130K, 2.82M
82K, 4.44M
75K, 4.85M
68K, 5.33M
62K, 5.72M
56K, 6.43M
51K, 6.95M
91K, 4.00M
100K, 3.66M
120K, 3.06M
2
3
4
5
6
7
50
70
90
110
130
150
170
ROSC (KΩ)
7.6. The Relationships between the FCPU and the IOP
IOP VS FOSC
2.0
2.5
3.0
2
345
67
FOSC (MHz)
3.0V
4.5V
7.7. The Relationships between the FCPU and the VDD
Fosc VS VDD
1.0
2.0
3.0
4.0
5.0
2.0
3.0
4.0
5.0
6.0
VDD (V)
91K
180K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com