Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPF16064B Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPF16064B
Description  16--CHANNEL MIIDII SYNTHESIIZER Wiitth 64K x 16 ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF16064B Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPF16064B Datasheet HTML 1Page - Generalplus Technology Inc. GPF16064B Datasheet HTML 2Page - Generalplus Technology Inc. GPF16064B Datasheet HTML 3Page - Generalplus Technology Inc. GPF16064B Datasheet HTML 4Page - Generalplus Technology Inc. GPF16064B Datasheet HTML 5Page - Generalplus Technology Inc. GPF16064B Datasheet HTML 6Page - Generalplus Technology Inc. GPF16064B Datasheet HTML 7Page - Generalplus Technology Inc. GPF16064B Datasheet HTML 8Page - Generalplus Technology Inc. GPF16064B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
GPF16064B
© Generalplus Technology Inc.
Proprietary & Confidential
4
Oct. 31, 2011
Version: 1.4
4. SIGNAL DESCRIPTIONS
Mnemonic
PIN No.
Type
Description
VDD
12, 13, 39
40, 74, 75
P
Digital Power input
VSS
14, 15, 37
38, 70, 71
P
Digital Ground pin
AVDD
28, 57, 63
P
Analog power input
AVSS
25, 60, 61, 66
P
Analog ground pin
IRQ1B
68
I
External IRQ 1
IRQ2B
69
I
External IRQ 2
RESET
67
I
System reset (Low active)
IOA[15:0]
41 - 56
I/O
GPIO A, Bit 0-7 could be used as ADC input
IOB[15:0]
16 - 24
29 - 35
I/O
GPIO B
IOC[10:0]
1 - 11
I/O
GPIO C
FP
77
I/O
LCD interface frame pulse, GPIO D0
LD
79
I/O
LCD interface latch data pulse, GPIO D1
CP
80
I/O
LCD interface clock signal, GPIO D2
DI
81
I/O
LCD interface data signal, GPIO D3
FM
78
I/O
LCD interface frame signal, GPIO D4
DCCLK
76
I/O
LCD interface DC-DC clock signal, GPIO D5
XTAL1
26
I
External crystal input, should be 6MHz
XTAL2
27
O
External crystal output
X32KI
73
I
External 32768Hz crystal input
X32KO
72
O
External 32768Hz crystal output
AUDL
64
O
Audio left channel output
AUDR
62
O
Audio right channel output
ADACVREF
65
I
Audio DAC reference voltage
VCM
59
O
ADC reference voltage output
VRT
58
I
ADC reference voltage input
TEST
36
I
Connected to GND for test mode, normally connected to VDD (test mode disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com