Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPF32001A Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPF32001A
Description  Advanced 16-Bit SoC with u nSP 2.0
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF32001A Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPF32001A Datasheet HTML 9Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 10Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 11Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 12Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 13Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 14Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 15Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 16Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
GPF32001A
© Generalplus Technology Inc.
Proprietary & Confidential
13
Nov. 29, 2016
Version: 1.0
5.12. Serial Interface
5.12.1. Serial Peripheral Interface (SPI)
The SPI interface is a master/slave interface that enables
synchronous serial communication with slave/master peripherals.
Two 8 bytes FIFO are used for transmit and receive.
Four types
of timing are supported and showing in the following diagram.
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
SPO = 0, SPH = 0, only this mode is supported in SPI slave mode.
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
Q
SPO = 0, SPH = 1
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
SPO = 1, SPH = 0
MSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
Q
LSB
SPO = 1, SPH = 1
5.12.2. UART/IrDA Function
GPF32001A provides a UART/IrDA controller with supported
baud-rate up to 1.8432MHz (UART) when system running at
48MHz.
When receive data, a 16-byte FIFO is used to prevent
the data loss.
When transmitting data, a 16-byte FIFO is used.
DMA transfer is available for both transmit and receive.
5.12.3. USB Mini-host/Device Function
GPF32001A provides both USB mini-host and device function
which is compatible with USB 1.1 and USB 2.0 full speed standard.
The mini-host and device function is not allowed to active at the
same time.
An USB transceiver is built-in for both host and
device functions.
A FIFO with size of 128x8 is used for bulk-in
and bulk-out transferring and an 8-byte FIFO is used for pipe
transferring control.
Interrupt IN/OUT and Isochronous IN/OUT
pipes are also supported.
The DMA transfer is enabled for
bulk-in/out and ISO-in/out to maximize the transfer performance.
5.13. IDE Tools Function
The functions of IDE include the followings:
1). C compiler, Assembly and Linker
2). Single step trace
3). Break point (break point for debugging)
4). Run (execute)
5.14. SD/MMC Controller
GPF32001A has two individual SD/MMC controllers which are
compatible with MMC system specification version 2.3 and SD
Memory
Card
specification
1.1.
The
controller
supports
automatically CRC generation and check, 1-bit and 4-bit transfer,
interrupt generation when buffer empty/full, DMA transfer for page
read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com