Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC5902DSF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AMC5902DSF
Description  6CH Motor Driver for CD-ROM, DVD-ROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AMC5902DSF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AMC5902DSF Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC5902DSF Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC5902DSF Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC5902DSF Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC5902DSF Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC5902DSF Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC5902DSF Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC5902DSF Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC5902DSF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AMC DOC. #: AMC5902_B
AMC5902
March 2004
Copyright
 2003, 2004 ADD Microtech Corp
2
www.addmtek.com
6CH Motor Driver for
CD-ROM, DVD-ROM
TYPICAL APPLICATION
Example values for external parts
Part name
Value(typ)
Unit
Remark
R1
33
Ω
Depends on application
R2
100
Ω
Depends on application
R3
0.33
Ω
Illim=1.42A,Gain=3.0A/V
R4
10k
Ω
Depends on application
R5
0
Ω
Depends on application.
R6
8.2k
Ω
Depends on application
R7
6.6k
Ω
Depends on application
R8
20k
Ω
Depends on application
R9, R10
1
Ω
llim=0.47A,Gain=0.47A/V
R11, R12
12k
Ω
Depends on application
1
2
3
5
6
7
9
10
11
12
13
14
15
16
18
19
20
21
17
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
37
36
35
34
38
HU+
HU-
HV+
HV-
HW+
HW-
HB
PGND1
U
VCC1
V
GND
GND
GND
GND
GND
PGND2
W
VCC2
CSSP
FOUT
VCC6
FOIN
TKIN
VCC4
LDO+
LDO-
TKO+
TKO-
FO+
FO-
VCC5
GND
GND
GND
GND
GND
AGND
SO1+
SO1-
SO2+
SO2-
22
24
23
25
26
27
28
31
30
29
33
32
CTL1
CTL2
SPIN
DGND
LDIN
VREF
SLGND
CS2
CS1
VCC3
IN2SL
IN1SL
8
6
5
2
3
4
1
M
M
M
SLIDE
SLIDE IN 1
SLIDE IN 2
FOCUS IN
TRACKING IN
SPINDLE IN
LOADING IN
µ-COM
µ-COM
LOADING
FOCUS
TRACKING
12V
1.65V
12V
5V
R12
R11
R10
R9
R3
R6
R7
R8
R1
R2
R4
R5
M
SLIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com