Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPCD9002A Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPCD9002A
Description  Mullttii--Channell Sound Conttrollller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCD9002A Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPCD9002A Datasheet HTML 17Page - Generalplus Technology Inc. GPCD9002A Datasheet HTML 18Page - Generalplus Technology Inc. GPCD9002A Datasheet HTML 19Page - Generalplus Technology Inc. GPCD9002A Datasheet HTML 20Page - Generalplus Technology Inc. GPCD9002A Datasheet HTML 21Page - Generalplus Technology Inc. GPCD9002A Datasheet HTML 22Page - Generalplus Technology Inc. GPCD9002A Datasheet HTML 23Page - Generalplus Technology Inc. GPCD9002A Datasheet HTML 24Page - Generalplus Technology Inc. GPCD9002A Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
GPCD9002A
© Generalplus Technology Inc.
Proprietary & Confidential
21
Apr. 11, 2017
Version: 1.2
8.5. GPCD9002A Application Circuit with IO Heavy Loading(1): High Sourcing
Reset
RESETB
VSSB
0.1u
C5
VSS_REG
VDD_REG
VDDB
VDD33
VDD_1~2
2.2u
C2
XO
XI
VSSB
IOB0~7
IOB0~7
IOA0
VDD_IO1
VSS_1~3
47u
C1
0.1u
C3
VDD_DAC1
10u
C4
VSS_DAC1~2
AUDN
AUDP
VDDB
VSSB
VDD_IO2
(Battery Power)
20p
VSSB
*C6
12MHz
20p
*C7
VDD_DAC2
22u
C8
VSS_DAC3
VDDB
VSSB
10
Ω
R1
Note:
1. 4
Ω speaker application is not allowed in GPCD9002A.
2. For system stability and performance, it is recommended to add R1/C8 for the
applications that IOs toggle with high current sourcing, such as LEDs or motor drivers.
3. The value of R2~R9/C8 depends on applications. Basically, the more IO toggles, the larger
C8 is suggested.
4. The values of C6/C7 are for design guidance only, different values may be needed for different
crystal/resonator used.
IOA1
IOA2
IOA3
IOA4
IOA5
IOA6
IOA7
VSSB
8
Ω SPEAKER
R2
R3
R4
R5
R6
R7
R8
R9
IOC0~7
IOD0~7
IOC0~7
IOD0~7
ROM
ADDRESS
/CE
/OE
DATA
XA0~21
MEMCSB
MEMOEB
XD0~7
VDD_MEM
VSS_MEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com