Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPCE4XXXX Datasheet(PDF) 34 Page - Generalplus Technology Inc.

Part # GPCE4XXXX
Description  16-bit Sound Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE4XXXX Datasheet(HTML) 34 Page - Generalplus Technology Inc.

Back Button GPCE4XXXX Datasheet HTML 30Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 31Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 32Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 33Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 34Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 35Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 36Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 37Page - Generalplus Technology Inc. GPCE4XXXX Datasheet HTML 38Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
GPCE4XXXX
© Generalplus Technology Inc.
Proprietary & Confidential
34
Jun. 26, 2017
Version: 1.1
8.5 DAC Characteristics (VDD_DAC = 5.0V, TA = 25℃)
Characteristics
Symbol
Limit
Unit
Min.
Typ.
Max.
DAC Resolution
RESO
-
-
16
bit
THD+n (5V @0.6W)
-
-
1
-
%
Noise at No Signal
-
-
-87
-
dBr A
Dynamic Range(-60dB)
-
-
-86
-
dBr A
8.6 Regulator Characteristics (TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ. Max.
Input Voltage
VREGI
2.4
-
5.5
V
Maximum Current Output
IREGO
-
-
60
mA VDD_REG (Regulator in )= 4.5V,
VDD (Regulator out ) <100mV
Output Voltage
VREGO
2.4
3.3
3.3
V
Standby Current
IRGES
-
5
-
uA
8.7 Pull High Resistance and VDD(VDD_IO)
8.8 Pull Low Resistance and VDD(VDD_IO)
8.9 IO Output High Current and VDD(VDD_IO)
Test Condition : VOH = 0.7 * VDDIO (Normal PAD)
8.10 IO Output High Current and VDD(VDD_IO)
Test Condition: VOH = 0.7 * VDDIO (SPI PAD – IOA [15:10] ) High
Driving Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com