Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP4302B Datasheet(PDF) 3 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

Part # TP4302B
Description  2.1A Synchronous Mobile Power SOC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TPOWER [Shenzhen Tianyuan Semiconductor Co., Ltd.]
Direct Link  http://www.tpower-ic.com/
Logo TPOWER - Shenzhen Tianyuan Semiconductor Co., Ltd.

TP4302B Datasheet(HTML) 3 Page - Shenzhen Tianyuan Semiconductor Co., Ltd.

  TP4302B Datasheet HTML 1Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 2Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 3Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 4Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 5Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 6Page - Shenzhen Tianyuan Semiconductor Co., Ltd. TP4302B Datasheet HTML 7Page - Shenzhen Tianyuan Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TP4302B
2.1A 同步移动电源 SOC
Ver2.0
Shenzhen TPOWER Semiconductor
3
深圳市天源中芯半导体有限公司
3
极限参数(注 1)
参数
额定值
单位
PGND to AGND 电压
-0.3~+0.3
V
其它引脚电压
-0.3~+7
V
充电电流
1.3
A
储存环境温度
-50~+150
℃
工作结温范围
-40~150
℃
HBM
2000
V
MM
200
V
推荐工作范围
符号
参数
参数范围
单位
VDD
充电输入电压
4.5~5.5
V
IC
充电电流
≤1.2
A
TOP
工作环境温度
-20~85
℃
注 1:最大极限值是指超出该工作范围芯片可能会损坏。推荐工作范围是指在该范围内芯片工作正常,但不完全保证满足
个别性能指标。电气参数定义了器件在工作范围内并且在保证特定性能指标的测试条件下的直流和交流电气参数规范。对
于未给定的上下限参数,该规范不予保证其精度,但其典型值合理反映了器件性能。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com