Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMF44P02P Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EMF44P02P
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF44P02P Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EMF44P02P Datasheet HTML 1Page - Excelliance MOS Corp. EMF44P02P Datasheet HTML 2Page - Excelliance MOS Corp. EMF44P02P Datasheet HTML 3Page - Excelliance MOS Corp. EMF44P02P Datasheet HTML 4Page - Excelliance MOS Corp. EMF44P02P Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2013/11/13 
p.5 
EMF44P02P
Gate Threshold Voltage v.s. Junction Temperature
T   ‐ Junction Temperature (°C)
0
‐50
0.50
0.25
0.75
J
050
1.0
1.25
1.5
150
100
t  ,Time ( SEC )
Single Pulse Maximum Power Dissipation
0.0001
0
10
1
0.01
0.001
0.1
20
30
40
100
110
A
Single Pulse
R    = 85°C/W
T  = 25°C
θJA
DC
‐V    ‐ Drain‐Source Voltage( V )
Maximum Safe Operating Area
V   = ‐4.5V
Single Pulse
R     = 85°C/W
T   = 25°C
0.1
0.01
0.1
DS
1
JA
A
GS
R   
     
 Lim
it
1
10
100
DS
(ON
)
10s
10
100
100μs
10ms
100ms
1s
1ms
t1 , Time( ms ) 
0.1
Transient Thermal Response Curve
0.01
0.02
0.001
0.0001
0.01
0.001
0.01
SINGLE PULSE
0.05
0.1
0.2
D=0.5
0.1
1
*
R    (t)= r(t) R
A
Duty Cycle,D= t1  / t2
T ‐ T  = P  R     (t)
t2
R     = 85 C/W
1
10
t1
P(pk)
θ
θ
JA
JA
1000
100
JA
*
θ
JA
°
θ
j
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com