| Electronic Components Datasheet Search |
|
DM74LS323WM Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS323WM Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLF9829 April 1992 DM54LS323DM74LS323 8-Bit Universal ShiftStorage Register with Synchronous Reset and Common IO Pins General Description The ’LS323 is an 8-bit universal shiftstorage register with TRI-STATE outputs Its function is similar to the ’LS299 with the exception of Synchronous Reset Parallel load in- puts and flip-flop outputs are multiplexed to minimize pin count Separate inputs and outputs are provided for flip- flops Q0 and Q7 to allow easy cascading Four operation modes are possible hold (store) shift left shift right and parallel load All modes are activated on the LOW-to-HIGH transition of the Clock Features Y Common IO for reduced pin count Y Four operation modes shift left shift right parallel load and store Y Separate continuous inputs and outputs from Q0 and Q7 allow easy cascading Y Fully synchronous reset Y TRI-STATE outputs for bus oriented applications Connection Diagram Dual-In-Line Package TLF9829 – 1 Order Number DM54LS323J DM54LS323W DM74LS323WM or DM74LS323N See NS Package Number J20A M20B N20A or W20A Pin Names Description CP Clock Pulse Input (Active Rising Edge) DS0 Serial Data Input for Right Shift DS7 Serial Data Input for Left Shift S0 S1 Mode Select Inputs SR Synchronous Reset Input (Active LOW) OE1 OE2 TRI-STATE Output Enable Inputs (Active LOW) IO0 – IO7 Parallel Data Inputs or TRI-STATE Parallel Outputs Q0 Q7 Serial Outputs TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Similar Part No. - DM74LS323WM |
|
Similar Description - DM74LS323WM |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |