Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTSA-C150KEKT Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LTSA-C150KEKT
Description  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTSA-C150KEKT Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LTSA-C150KEKT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTSA-C150KEKT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTSA-C150KEKT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTSA-C150KEKT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTSA-C150KEKT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTSA-C150KEKT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTSA-C150KEKT Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTSA-C150KEKT Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTSA-C150KEKT Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1/12
Part No. : LTSA-C150KEKT
BNS-OD-FC002/A4
SMD LED
LTSA-C150KEKT
1. Description
SMD LED lamps from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LED lamps are suitable for use in a wide variety of electronic equipment, eg: cordless
and cellular phones, notebook computers and network systems…
1.1 Features
Meet RoHS and HF
Ultra Bright AlInGaP Red Chip LED
1206 Package in 8mm tape on 7" diameter reels.
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
1.2 Applications
Automotive: accessary application
2. Package Dimensions
Part No.
Lens Color
Source Color
LTSA-C150KEKT
Water Clear
AlInGaP Red
Notes:
1.
All dimensions are in millimeters (inches).
2.
Tolerance is ±0.1 mm (.004") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com