Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPLB36A3 Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPLB36A3
Description  4032 Dots LCD Controller with 512KB ROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB36A3 Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPLB36A3 Datasheet HTML 9Page - Generalplus Technology Inc. GPLB36A3 Datasheet HTML 10Page - Generalplus Technology Inc. GPLB36A3 Datasheet HTML 11Page - Generalplus Technology Inc. GPLB36A3 Datasheet HTML 12Page - Generalplus Technology Inc. GPLB36A3 Datasheet HTML 13Page - Generalplus Technology Inc. GPLB36A3 Datasheet HTML 14Page - Generalplus Technology Inc. GPLB36A3 Datasheet HTML 15Page - Generalplus Technology Inc. GPLB36A3 Datasheet HTML 16Page - Generalplus Technology Inc. GPLB36A3 Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
GPLB36A3
© Generalplus Technology Inc.
Proprietary & Confidential
13
NOV. 04, 2010
Version: 1.6
8.APPLICATION CIRCUITS
8.1. 3456 Dots LCD Driver, 96 Segments × 36 Commons with External Serial SRAM, Regulator Disabled - (1)
GPLB36A3
LCD Panel (36x96)
PVDD
PVSS
AUDB
X32I
X32O
RESET
AUDA
VDD
7
VDD
VSS
SCK
SDA
CSB
PC1/SDA
PC0/SCK
PB0
VDD
GPRS512C
SEG0
SEG1
SEG14
SEG2
SEG15
PA1
PA2
PA3
PA4
.....
.....
.....
.....
.....
VROUT
*1
VDD
PA5
.....
PA6
.....
PA7
.....
0.1 µF
0.1 µF
1µF
1µF
1µF
0.1µF
CAP1N
CAP1P
CAP2N
CAP2P
VPP
VLCD
VCI
VROUT
VDD
30pF
4.7µF0.1µF
12~20pF
* 2
12~20pF
* 2
0.1µF
* 3
Note*1: Pin VROUT should be connected to VDD if internal Regulator is disabled.
Note*2: These capacitor values are for design guidance only.
Different capacitor values may be required for different crystal/resonator used.
Note*3: These capacitor values are for design guidance only.
Different capacitor values may be required for different LCD panel connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com