Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82801E Datasheet(PDF) 9 Page - Intel Corporation

Part # 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82801E Datasheet HTML 5Page - Intel Corporation 82801E Datasheet HTML 6Page - Intel Corporation 82801E Datasheet HTML 7Page - Intel Corporation 82801E Datasheet HTML 8Page - Intel Corporation 82801E Datasheet HTML 9Page - Intel Corporation 82801E Datasheet HTML 10Page - Intel Corporation 82801E Datasheet HTML 11Page - Intel Corporation 82801E Datasheet HTML 12Page - Intel Corporation 82801E Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
9
1.1
Overview
The 82801E C-ICH provides extensive I/O support. Functions and capabilities include:
• PCI Rev 2.2 compliant with support for 33 MHz PCI operations
• PCI slots support up to four Req/Gnt pairs
• Enhanced DMA Controller, Interrupt Controller, and Timer Functions
• Integrated IDE controller supports Ultra ATA100/66/33
• USB host interface with support for two USB ports; one host controller
• Two integrated LAN controllers
• System Management Bus (SMBus) with additional support for I2C devices
• Low Pin Count (LPC) interface
• Firmware Hub (FWH) interface support
• Serial I/O unit containing two UARTs
The 82801E C-ICH incorporates a variety of PCI functions that are divided into two logical
devices (30 and 31) on PCI Bus 0 and one device on Bus 1. Device 30 is the Hub Interface-to-PCI
bridge. Device 31 contains all the other PCI functions, except the LAN controller as shown in
Table 1. The LAN controllers are located on Bus 1.
Table 1.
PCI Devices and Functions
Bus:Device:Function
Function Description
Bus 0:Device 30:Function 0
Hub Interface to PCI Bridge
Bus 0:Device 31:Function 0
PCI to LPC Bridge
(includes: DMA, Timers, compatible interrupt controller, APIC, RTC, SIU,
processor interface control, power management control, system
management control, and GPIO control)
Bus 0:Device 31:Function 1
IDE Controller
Bus 0:Device 31:Function 2
USB Controller
Bus 0:Device 31:Function 3
SMBus Controller
Bus 1:Device 8:Function 0
LAN0 Controller
Bus 1:Device 9:Function 0
LAN1 Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com