Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPL32611B Datasheet(PDF) 5 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 5 Page - Generalplus Technology Inc.

  GPL32611B Datasheet HTML 1Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 2Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 3Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 4Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 5Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 6Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 7Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 8Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
5
Oct. 02, 2018
Version: 1.3
 Low voltage reset.
 1 data lane MIPI
 Real-time clock (RTC) with independent power supply.
 96MHz, 27MHz and 12MHz PLL.
 16-bit stereo DAC (2-channel) for audio playback.
 12-bit ADC with 6 line-in channels.
 MIC with PGAC. (program gain control)
 TV encoder supporting NTSC/PAL and de-flicker and scalar
function.
3. BLOCK DIAGRAM
AHB for memory I/F
AHB to APB
Bridge
NAND flash
/ xD
APB
Cache = 8KB
Boot ROM = 24KB
LDM =38KB
DMA
Controller
4 channels
ARM7TDMI
With
Embeded ICE
Memory /
SDRAM
Controller
MP3
GPIO
Interrupt
Controller
Key scan
RTC
Timebase
6 Timers
UART
System
control
BCH
SD/MMC
X2
SPI
X2
MS/MS pro
ADC
USB2.0
host/device
DAC
MIC
PPU
JPEG/
MPEG4
TV
Encoder
De-
flicker
SPU
CSI
TFT
STN
MIPI
FD
Built-in
SDRAM
128Mb
Regulator
(3.3V to 1.2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com