Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC6202B Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6202B
Description  LED driver IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6202B Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC6202B Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6202B Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6202B(文件编号:S&CIC0810)
LED 驱动 IC
第 1 页 共 2 页
一、
概述
SC6202B 是我公司针对手电筒照明研发的驱动 IC,主要用于两节电池 2.4V~3.0V 充电电池或碱性电池。高效率低
功耗,外围简单。
二、
特点
低启动电压 1.8V~3.0V;
高效率 80%以上。
三、
应用范围
LED 手电筒,LED 头灯,LED 装饰灯等等。
四、
封装脚位及 PAD 图
封装 TO-92
Pin 脚号
功能
1
LX
2
VDD
3
GND
PAD 脚位图(IC 衬底接 GND)


Similar Part No. - SC6202B

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC6202 FAIRVIEW-SC6202 Datasheet
494Kb / 3P
BNC Female Connector Pin Terminal Solder Attachment Press-In
REV 2.0
More results

Similar Description - SC6202B

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6803Q FUMAN-SC6803Q Datasheet
245Kb / 9P
LED driver IC
logo
Princeton Technology Co...
PT6967 PTC-PT6967 Datasheet
1Mb / 6P
LED Driver IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com