Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KI7738DP Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI7738DP
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI7738DP Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KI7738DP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI7738DP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KI7738DP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KI7738DP Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KI7738DP Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KI7738DP Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Transistors
www.kexin.com.cn
4
MOSFET
SMD Type
N-Channel MOSFET
SI7738DP (KI7738DP)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
0.0
0.2
0.4
0.6
0.8
1.0
TJ = 150 °C
10
VSD - Source-to-Drain Voltage (V)
1
100
TJ = 25 °C
1.8
2.2
2.6
3.0
3.4
3.8
4.2
- 50
- 25
0
25
50
75
100
125
150
ID = 250 μA
TJ - Temperature (°C)
0.00
0.02
0.04
0.06
0.08
0.10
02
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID =7.7 A
Single Pulse Power (Junction-to-Ambient)
Single Pulse Avalanche Current Capability vs. Time
Safe Operating Area, Junction-to-Ambient
0
30
60
90
120
150
0.01
0.1
1
10
100
1000
Time (s)
1
10
100
10-4
10-3
10-2
10-1
1
t
av (s)
125 °C
25 °C
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
10 s
1s
100 ms
1ms
TA = 25 °C
Single Pulse
Limited by RDS(on)*
10 ms
DC
100 μs
Typical Characterisitics 25
unless otherwise noted



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com