Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KXMS6004FF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KXMS6004FF
Description  N-Channel Self Protected Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KXMS6004FF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KXMS6004FF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KXMS6004FF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KXMS6004FF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KXMS6004FF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KXMS6004FF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transistors
www.kexin.com.cn
2
MOSFET
SMD Type
Notes:
(d) The drain current is restricted only when the device is in saturation (see graph ‘typical output characteristic’). This
allows the device to be used in the fully on state without interference from the current limit. The device is fully
protected at all drain currents, as the low power dissipation generated outside saturation makes current limit
unnecessary.
(e) Over-temperature protection is designed to prevent device destruction under fault conditions. Fault conditions are
considered as “outside” normal operating range, so this part is not designed to withstand over-temperature for
extended periods.
N-Channel Self Protected
Enhancement Mode MOSFET
ZXMS6004FF(KXMS6004FF)
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Clamp Voltage
VDS(AZ)
ID=10 mA, VGS=0V
60
70
V
VDS=12V, VIN=0V
500
nA
VDS=36V, VIN=0V
1
A
Input threshold voltage
VIN(th)
VDS=VGS , ID=1mA
0.7
1.5
V
Input Current
IIN
VIN=+3V
100
Input Current
IIN
VIN=+5V
200
Input current while over temperature active
VIN=+5V
220
VIN=+3V, ID=0.5A
600
VIN=+5V, ID=0.5A
500
Continuous drain current
(a)
ID
VIN=3V, TA=25
0.9
A
Continuous drain current
(a)
ID
VIN=5V, TA=25
1A
Continuous drain current
(b)
ID
VIN=3V, TA=25
1.2
A
Continuous drain current
(b)
ID
VIN=5V, TA=25
1.3
A
Current limit
ID(LIM)
VIN=+3V
0.7
A
Current limit
(d)
ID(LIM)
VIN=+5V
1
A
Dynamic characteristics
Turn-On DelayTime
td(on)
5
Rise Time
tr
10
Turn-Off DelayTime
td(off)
45
Fall Time
tf
15
Over-temperature protection
Thermal overload trip temperature
(e)
TJT
150
175
Thermal hysteresis
(e)
10
A
s
Off-state drain Current
IDSS
m
VGS=5V, VDS=12V, ID=0.5A
RDS(on)
Static Drain-Source On-Resistance
Marking
Marking
1K6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com