Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7CTCFL/50 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 7CTCFL/50
Description  7 watt; Torpedo Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

7CTCFL/50 Datasheet(HTML) 1 Page - Satco Products, Inc.

  7CTCFL/50 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S5587
7CTCFL/50
7 watt; Torpedo Compact Fluorescent; 5000K; 82 CRI;
Candelabra base; 120 volts
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
S5587
Item Number
UPC
Voltage
Watts
Incandescent Equivalent Lamp Shape
Base
ANSI
Base
S5587
045923055874
120
7
40W
Torpedo
Candelabra
E12
Lamp Code
MOL In Inches MOD In Inches Initial Lumens
Average Rated
Hours
Kelvin Temp
Pack
Package Type
7CTCFL/50
4.69''
1.77''
340
10000
5000
24/6
1 /Clamshell
CRI
Hg Content
RoHS Compliant
UL or ETL Listed
82
1.6 mg
Yes
Yes


Similar Part No. - 7CTCFL/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
7CTCFL/50 SATCO-7CTCFL/50 Datasheet
123Kb / 1P
7 watt; Torpedo Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
More results

Similar Description - 7CTCFL/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5596 SATCO-S5596 Datasheet
123Kb / 1P
7 watt; Torpedo Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7266 SATCO-S7266 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
S7312 SATCO-S7312 Datasheet
123Kb / 1P
5 watt; Torpedo Compact Fluorescent; 4100K; 82 CRI; Candelabra base; 120 volts
S7318 SATCO-S7318 Datasheet
123Kb / 1P
7 watt; Torpedo Compact Fluorescent; 4100K; 82 CRI; Candelabra base; 120 volts
S7319 SATCO-S7319 Datasheet
123Kb / 1P
7 watt; Torpedo Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
S7322 SATCO-S7322 Datasheet
124Kb / 1P
7 watt; Torpedo Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7323 SATCO-S7323 Datasheet
124Kb / 1P
7 watt; Torpedo Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7328 SATCO-S7328 Datasheet
123Kb / 1P
7 watt; Torpedo Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7363 SATCO-S7363 Datasheet
124Kb / 1P
9 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
S7366 SATCO-S7366 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Candelabra base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com