Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF7DS/835 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF7DS/835
Description  7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF7DS/835 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF7DS/835 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6703
CF7DS/835
7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23
base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6703
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6703
046135203107
120
7
T4
G23
G23
CF7DS/835
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
5.3''
400
10000
3500
Neutral White
50
Box
82
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - CF7DS/835

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF7DS/827 SATCO-CF7DS/827 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
More results

Similar Description - CF7DS/835

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6701 SATCO-S6701 Datasheet
124Kb / 1P
5 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G23 base
S6702 SATCO-S6702 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23 base
S6705 SATCO-S6705 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S6707 SATCO-S6707 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S6709 SATCO-S6709 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8303 SATCO-S8303 Datasheet
124Kb / 1P
7 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S8305 SATCO-S8305 Datasheet
124Kb / 1P
7 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8307 SATCO-S8307 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23 base
S8309 SATCO-S8309 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8316 SATCO-S8316 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 3500K; 82 CRI; G23-2 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com