Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC101S101EVAL Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC101S101EVAL
Description  10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC101S101EVAL Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DAC101S101EVAL Datasheet HTML 11Page - National Semiconductor (TI) DAC101S101EVAL Datasheet HTML 12Page - National Semiconductor (TI) DAC101S101EVAL Datasheet HTML 13Page - National Semiconductor (TI) DAC101S101EVAL Datasheet HTML 14Page - National Semiconductor (TI) DAC101S101EVAL Datasheet HTML 15Page - National Semiconductor (TI) DAC101S101EVAL Datasheet HTML 16Page - National Semiconductor (TI) DAC101S101EVAL Datasheet HTML 17Page - National Semiconductor (TI) DAC101S101EVAL Datasheet HTML 18Page - National Semiconductor (TI) DAC101S101EVAL Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
1.0 Functional Description (Continued)
was before entering power down. Minimum power consump-
tion is achieved in the power-down mode with SCLK dis-
abled and SYNC and D
IN idled low.
2.0 Applications Information
The simplicity of the DAC101S101 implies ease of use.
However, it is important to recognize that any data converter
that utilizes its supply voltage as its reference voltage will
have essentially zero PSRR (Power Supply Rejection Ratio).
Therefore, it is necessary to provide a noise-free supply
voltage to the device.
2.1 DSP/MICROPROCESSOR INTERFACING
Interfacing the DAC101S101 to microprocessors and DSPs
is quite simple. The following guidelines are offered to has-
ten the design process.
2.1.1 ADSP-2101/ADSP2103 Interfacing
Figure 5 shows a serial interface between the DAC101S101
and the ADSP-2101/ADSP2103. The DSP should be set to
operate in the SPORT Transmit Alternate Framing Mode. It is
programmed through the SPORT control register and should
be configured for Internal Clock Operation, Active Low Fram-
ing and 16-bit Word Length. Transmission is started by
writing a word to the Tx register after the SPORT mode has
been enabled.
2.1.2 80C51/80L51 Interface
A serial interface between the DAC101S101 and the 80C51/
80L51 microcontroller is shown in Figure 6. The SYNC signal
comes from a bit-programmable pin on the microcontroller.
The example shown here uses port line P3.3. This line is
taken low when data is to transmitted to the DAC101S101.
Since the 80C51/80L51 transmits 8-bit bytes, only eight
falling clock edges occur in the transmit cycle. To load data
into the DAC, the P3.3 line must be left low after the first
eight bits are transmitted. A second write cycle is initiated to
transmit the second byte of data, after which port line P3.3 is
brought high. The 80C51/80L51 transmit routine must rec-
ognize that the 80C51/80L51 transmits data with the LSB
first while the DAC101S101 requires data with the MSB first.
2.1.3 68HC11 Interface
A serial interface between the DAC101S101 and the
68HC11 microcontroller is shown in Figure 7. The SYNC line
of the DAC101S101 is driven from a port line (PC7 in the
figure), similar to the 80C51/80L51.
The 68HC11 should be configured with its CPOL bit as a
zero and its CPHA bit as a one. This configuration causes
data on the MOSI output to be valid on the falling edge of
SCLK. PC7 is taken low to transmit data to the DAC. The
68HC11 transmits data in 8-bit bytes with eight falling clock
edges. Data is transmitted with the MSB first. PC7 must
remain low after the first eight bits are transferred. A second
write cycle is initiated to transmit the second byte of data to
the DAC, after which PC7 should be raised to end the write
sequence.
2.1.4 Microwire Interface
Figure 8 shows an interface between a Microwire compatible
device and the DAC101S101. Data is clocked out on the
rising edges of the SCLK signal.
2.2 USING REFERENCES AS POWER SUPPLIES
Recall the need for a quiet supply source for devices that use
their power supply voltage as a reference voltage.
Since the DAC101S101 consumes very little power, a refer-
ence source may be used as the supply voltage. The advan-
tages of using a reference source over a voltage regulator
are accuracy and stability. Some low noise regulators can
also be used for the power supply of the DAC101S101.
Listed below are a few power supply options for the
DAC101S101.
2.2.1 LM4130
The LM4130 reference, with its 0.05% accuracy over tem-
perature, is a good choice as a power source for the
DAC101S101. Its primary disadvantage is the lack of 3V and
5V versions. However, the 4.096V version is useful ifa0to
4.095V output range is desirable or acceptable. Bypassing
the LM4130 VIN pin with a 0.1µF capacitor and the VOUT
pin with a 2.2µF capacitor will improve stability and reduce
output noise. The LM4130 comes in a space-saving 5-pin
SOT23.
20154109
FIGURE 5. ADSP-2101/2103 Interface
20154110
FIGURE 6. 80C51/80L51 Interface
20154111
FIGURE 7. 68HC11 Interface
20154112
FIGURE 8. Microwire Interface
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com