Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AW3605 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW3605
Description  Computer-lImIted value variable voltage DC converter, 5 V output voltage synchronous voltage DC-DC converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3605 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW3605 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW3605 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW3605 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW3605 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW3605 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3605 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3605 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3605 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3605 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AW3605
2017 年 2 月 V1.3
www.awinic.com.cn
4
版权所有© 2017 上海艾为电子技术有限公司
典型应用图
图3
EN 接一线脉冲的典型应用图示
注 1:电感 L1 推荐值为
1μH,饱和电流需大于或等于 1.5A,请参考电感的选择章节;
注 2:如上图所示红色标记的路径,为大电流路径。为驱动能力考虑,电源线 V
IN-SW、
VIN-VIN,输出线 VOUT-VBUS
的连接线尽量短而粗。V
IN-SW 的之间,按照 1.5A 电源走线规则走线,建议线宽为 60mil 左右,并做好包地和
隔离;V
OUT 端输出按照 1A 电源走线规则走线,线宽可按 40mil 走线。
注 3:电容 C
IN 请尽量靠近芯片 VIN 引脚放置。电容 COUT 请尽量靠近芯片 VOUT 引脚放置,且最远距离芯片 VOUT
引脚不超过 5mm。电容 C
OUT 需要 10μF 或 10μF 以上;
注 4:在热插拔充电器时,可能在 USB 口 V
BUS 端产生浪涌电压,过高的浪涌电压可能损坏芯片或 VBUS 电容,
为了规避这种风险,可以在靠近 USB 接口处再并上一个 TVS 管或 RC Snubber 电路。具体分析见提高系统抗
USB 口热插拔的鲁棒性章节。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com