Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM124 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM124
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM124 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  LM124 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM124 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM124,LM124A,LM224,LM224A
LM324,LM324A,LM324Y,LM2902,LM2902Q
QUADRUPLE OPERATIONAL AMPLIFIERS
SLOS066E-SEPTEMBER 1975-REVISED FEBRUARY1997
www.artschip.com
2
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25℃
SMALL
OUTLINE
(D) †
VERY
SMALL
OUTLINE
(DB)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP
(PW)
FLAT
PACK
(W)
CHIP
FORM
(Y)
0℃ to 70
℃
7 mV
3mV
LM324D
LM324AD
LM324DBLE
-
-
-
-
-
LM324N
LM324AN
LM324PWLE
LM324APWLE
-
-
LM324Y
-25℃ to
85℃
5mV
3mV
LM224D
LM224AD
-
-
-
-
-
-
LM224N
LM224AN
-
-
-
-
-
-40℃ to
125℃
7mV
LM2902D
LM2902QD
LM2902DBLE
-
-
-
-
LM2902N
LM2902QN
LM2902PWLE
-
-
-
-55℃ to
125℃
5mV
2mV
-
-
-
-
LM124FK
LM124AFK
LM124J
LM124AJ
-
-
-
-
LM124W
-
† The D package is available taped and reeled. Add the suffix R to the device type (e.g., LM324DR).
The DB and PW package are only available left-end taped and reeled.
Schematic (each amplifier)
COMPONENT COUNT
(total device)
Epi-FET
1
Transistors
95
Diodes
4
Resistors
11
Capacitors
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com