Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM358D Datasheet(PDF) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # LM358D
Description  Frequency - Compensated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

LM358D Datasheet(HTML) 9 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button LM358D Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358D Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358D Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358D Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358D Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358D Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358D Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358D Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. LM358D Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LM158, LM158A, LM258, LM258A
LM358, LM358A, LM2904, LM2904V
www.artschip.com
9
Operating conditions, VCC =±15V, TA=25℃
PARAMETER
TEST CONDITIONS
TYP
UNIT
SR
Slew rate at unity gain
RL=1MΩ,CL =30pF, VI =±10V
(see Figure 1)
0.3
V/µs
B1
Unity-gain bandwidth
RL=1MΩ,CL =20pF, (see Figure 1)
0.7
MHz
Vn
Equivalent input noise voltage
RL=1MΩ, VI =±10V,f=1kHz
(see Figure 2)
40
NV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com