Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1127AS-2R2M Datasheet(PDF) 21 Page - Semtech Corporation

Part # 1127AS-2R2M
Description  Dual Channel 2.5MHz, 2.0A Synchronous Buck with Automatic Power Save
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1127AS-2R2M Datasheet(HTML) 21 Page - Semtech Corporation

Back Button 1127AS-2R2M Datasheet HTML 14Page - Semtech Corporation 1127AS-2R2M Datasheet HTML 15Page - Semtech Corporation 1127AS-2R2M Datasheet HTML 16Page - Semtech Corporation 1127AS-2R2M Datasheet HTML 17Page - Semtech Corporation 1127AS-2R2M Datasheet HTML 18Page - Semtech Corporation 1127AS-2R2M Datasheet HTML 19Page - Semtech Corporation 1127AS-2R2M Datasheet HTML 20Page - Semtech Corporation 1127AS-2R2M Datasheet HTML 21Page - Semtech Corporation 1127AS-2R2M Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
2
SC284P
Outline Drawing – 3x3 MLPQ-UT20
Land Pattern – 3x3 MLPQ-UT20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com