Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF18DD/E/830 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # CF18DD/E/830
Description  18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-2 (4-Pin) base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

CF18DD/E/830 Datasheet(HTML) 1 Page - Satco Products, Inc.

  CF18DD/E/830 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6734
CF18DD/E/830
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI;
G24Q-2 (4-Pin) base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6734
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6734
046135207242
120
18
T4
G24Q-2
G24q-2
CF18DD/E/830
MOL In Inches MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
Package Type
5.8''
2.00''
1250
12000
3000
Warm White
50
Box
CRI
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
82
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - CF18DD/E/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
CF18DD/E/827 SATCO-CF18DD/E/827 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
More results

Similar Description - CF18DD/E/830

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6722 SATCO-S6722 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24d-2 base
S6730 SATCO-S6730 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-1 (4-Pin) base
S6733 SATCO-S6733 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
S6742 SATCO-S6742 Datasheet
124Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-2 (4-Pin) base
S8333 SATCO-S8333 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
S8334 SATCO-S8334 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-2 (4-Pin) base
S8336 SATCO-S8336 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; G24Q-2 (4-Pin) base
S8338 SATCO-S8338 Datasheet
123Kb / 1P
26 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; G24Q-3 (4-Pin) base
S8342 SATCO-S8342 Datasheet
124Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX24q-2 (4-Pin) base
S8657 SATCO-S8657 Datasheet
122Kb / 1P
18 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; 2G11 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com