Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC123 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC123
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC123 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC123 Datasheet HTML 1Page - STMicroelectronics M74HC123 Datasheet HTML 2Page - STMicroelectronics M74HC123 Datasheet HTML 3Page - STMicroelectronics M74HC123 Datasheet HTML 4Page - STMicroelectronics M74HC123 Datasheet HTML 5Page - STMicroelectronics M74HC123 Datasheet HTML 6Page - STMicroelectronics M74HC123 Datasheet HTML 7Page - STMicroelectronics M74HC123 Datasheet HTML 8Page - STMicroelectronics M74HC123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
HIGH SPEED :
tPD = 23 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
STAND BY STATE :
ICC=4µA (MAX.) at TA=25°C
ACTIVE STATE :
ICC=200µA (MAX.) at VCC = 5V
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
WIDE OUTPUT PULSE WIDTH RANGE :
tWOUT = 120 ns ~ 60 s OVER AT VCC = 4.5 V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 123
DESCRIPTION
The
M74HC123
is
an
high
speed
CMOS
MONOSTABLE MULTIVIBRATOR fabricated with
silicon gate C2MOS technology.
There are two trigger inputs, A INPUT (negative
edge) and B INPUT (positive edge). These inputs
are valid for slow rising/falling signals, (tr=tf=l sec).
The device may also be triggered by using the
CLR
input
(positive-edge)
because
of
the
Schmitt-trigger input; after triggering the output
maintains the MONOSTABLE state for the time
period determined by the external resistor Rx and
capacitor Cx. When Cx > 10nF and Rx > 10K
Ω,
the output pulse width value is approsimatively
given by the formula : tW(OUT) = K · Cx · Rx.
(K
≅ 0.45).
Taking CLR low breaks this MONOSTABLE
STATE. If the next trigger pulse occurs during the
MONOSTABLE
period
it
makes
the
MONOSTABLE period longer. Limit for values of
Cx and Rx : Cx : NO LIMIT
Rx : Vcc < 3.0V 5KΩ to 1MΩ
Vcc > 3.0V 1KΩ to 1MΩ
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC123
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC123B1R
SOP
M74HC123M1R
M74HC123RM13TR
TSSOP
M74HC123TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC123

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M74HC123A STMICROELECTRONICS-M74HC123A Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M74HC123AB1R STMICROELECTRONICS-M74HC123AB1R Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M74HC123AC1R STMICROELECTRONICS-M74HC123AC1R Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
M74HC123AF1R STMICROELECTRONICS-M74HC123AF1R Datasheet
291Kb / 14P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Oct-1993
More results

Similar Description - M74HC123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Fairchild Semiconductor
74VHC123AMX FAIRCHILD-74VHC123AMX Datasheet
469Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com