Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESP32-D2WD Datasheet(PDF) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-D2WD
Description  32-bit MCU & 2.4 GHz Wi-Fi & BT/BLE SoCs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-D2WD Datasheet(HTML) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-D2WD Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-D2WD Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
3. Functional Description
Table 5: Memory and Peripheral Mapping
Category
Target
Start Address
End Address
Size
Embedded
Memory
Internal ROM 0
0x4000_0000
0x4005_FFFF
384 KB
Internal ROM 1
0x3FF9_0000
0x3FF9_FFFF
64 KB
Internal SRAM 0
0x4007_0000
0x4009_FFFF
192 KB
Internal SRAM 1
0x3FFE_0000
0x3FFF_FFFF
128 KB
0x400A_0000
0x400B_FFFF
Internal SRAM 2
0x3FFA_E000
0x3FFD_FFFF
200 KB
RTC FAST Memory
0x3FF8_0000
0x3FF8_1FFF
8 KB
0x400C_0000
0x400C_1FFF
RTC SLOW Memory
0x5000_0000
0x5000_1FFF
8 KB
External
Memory
External Flash
0x3F40_0000
0x3F7F_FFFF
4 MB
0x400C_2000
0x40BF_FFFF
11 MB+248 KB
External SRAM
0x3F80_0000
0x3FBF_FFFF
4 MB
Peripheral
DPort Register
0x3FF0_0000
0x3FF0_0FFF
4 KB
AES Accelerator
0x3FF0_1000
0x3FF0_1FFF
4 KB
RSA Accelerator
0x3FF0_2000
0x3FF0_2FFF
4 KB
SHA Accelerator
0x3FF0_3000
0x3FF0_3FFF
4 KB
Secure Boot
0x3FF0_4000
0x3FF0_4FFF
4 KB
Cache MMU Table
0x3FF1_0000
0x3FF1_3FFF
16 KB
PID Controller
0x3FF1_F000
0x3FF1_FFFF
4 KB
UART0
0x3FF4_0000
0x3FF4_0FFF
4 KB
SPI1
0x3FF4_2000
0x3FF4_2FFF
4 KB
SPI0
0x3FF4_3000
0x3FF4_3FFF
4 KB
GPIO
0x3FF4_4000
0x3FF4_4FFF
4 KB
RTC
0x3FF4_8000
0x3FF4_8FFF
4 KB
IO MUX
0x3FF4_9000
0x3FF4_9FFF
4 KB
SDIO Slave
0x3FF4_B000
0x3FF4_BFFF
4 KB
UDMA1
0x3FF4_C000
0x3FF4_CFFF
4 KB
I2S0
0x3FF4_F000
0x3FF4_FFFF
4 KB
UART1
0x3FF5_0000
0x3FF5_0FFF
4 KB
I2C0
0x3FF5_3000
0x3FF5_3FFF
4 KB
UDMA0
0x3FF5_4000
0x3FF5_4FFF
4 KB
SDIO Slave
0x3FF5_5000
0x3FF5_5FFF
4 KB
RMT
0x3FF5_6000
0x3FF5_6FFF
4 KB
PCNT
0x3FF5_7000
0x3FF5_7FFF
4 KB
SDIO Slave
0x3FF5_8000
0x3FF5_8FFF
4 KB
LED PWM
0x3FF5_9000
0x3FF5_9FFF
4 KB
Efuse Controller
0x3FF5_A000
0x3FF5_AFFF
4 KB
Flash Encryption
0x3FF5_B000
0x3FF5_BFFF
4 KB
PWM0
0x3FF5_E000
0x3FF5_EFFF
4 KB
TIMG0
0x3FF5_F000
0x3FF5_FFFF
4 KB
TIMG1
0x3FF6_0000
0x3FF6_0FFF
4 KB
Peripheral
SPI2
0x3FF6_4000
0x3FF6_4FFF
4 KB
Espressif Systems
15
ESP32 Datasheet V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com